Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM760 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM760
Description  High Speed Differential Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM760 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM760 Datasheet HTML 1Page - National Semiconductor (TI) LM760 Datasheet HTML 2Page - National Semiconductor (TI) LM760 Datasheet HTML 3Page - National Semiconductor (TI) LM760 Datasheet HTML 4Page - National Semiconductor (TI) LM760 Datasheet HTML 5Page - National Semiconductor (TI) LM760 Datasheet HTML 6Page - National Semiconductor (TI) LM760 Datasheet HTML 7Page - National Semiconductor (TI) LM760 Datasheet HTML 8Page - National Semiconductor (TI) LM760 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
Metal Can and Ceramic DIP
b
65 Cto a175 C
Molded DIP
b
65 Cto a150 C
Operating Temperature Range
Military (LM760)
b
55 Cto a125 C
Commercial (LM760C)
0 Cto a70 C
Lead Temperature
Metal Can and Ceramic DIP
(Soldering 60 sec)
300 C
Molded DIP (Soldering 10 sec)
265 C
Positive Supply Voltage
a
80V
Negative Supply Voltage
b
80V
Peak Output Current
10 mA
Differential Input Voltage
g
50V
Input Voltage
Va t VI t Vb
ESD Susceptibility
TBD
LM760
Electrical Characteristics
VCC e g45V to g65V TA eb55 Cto a125 C TA e 25 C for typical figures unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIO
Input Offset Voltage
RS s 200X
10
60
mV
IIO
Input Offset Current
05
75
m
A
IIB
Input Bias Current
80
60
m
A
RO
Output Resistance (Either Output)
VO e VOH
100
X
tPD
Response Time
TA e 25 C (Note 3)
18
30
TA e 25 C (Note 4)
25
ns
(Note 5)
16
D
tPD
Response Time Difference
between Outputs (Note 1)
(tPD of aVI1) b (tPD of bVI2)TA e 25 C
50
(tPD of aVI2) b (tPD of bVI1)TA e 25 C
50
ns
(tPD of aVI1) b (tPD of aVI2)TA e 25 C
75
(tPD of bVI1) b (tPD of bVI2)TA e 25 C
75
RI
Input Resistance
f e 10 MHz
12
kX
CI
Input Capacitance
f e 10 MHz
80
pF
D
VIO DT
Average Temperature Coefficient
RS e 50X
30
m
V C
of Input Offset Voltage
TA eb55 Cto a125 C
D
IIO DT
Average Temperature Coefficient
TA ea25 Cto a125 C
20
nA C
of Input Offset Current
TA ea25 Cto b55 C
70
VIR
Input Voltage Range
VCC e g65V
g
40
g
45
V
VIDR
Differential Input Voltage Range
g
50
V
VOH
Output Voltage HIGH
0 mA s IOH s 50 mA
24
32
(Either Output)
VCC ea50V
V
IOH e 80 mA VCC e g45V
24
30
VOL
Output Voltage LOW
IOL e 32 mA
025
04
V
(Either Output)
Ia
Positive Supply Current
VCC e g65V
18
32
mA
Ib
Negative Supply Current
VCC e g65V
90
16
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com