Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM760 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM760
Description  High Speed Differential Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM760 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM760 Datasheet HTML 2Page - National Semiconductor (TI) LM760 Datasheet HTML 3Page - National Semiconductor (TI) LM760 Datasheet HTML 4Page - National Semiconductor (TI) LM760 Datasheet HTML 5Page - National Semiconductor (TI) LM760 Datasheet HTML 6Page - National Semiconductor (TI) LM760 Datasheet HTML 7Page - National Semiconductor (TI) LM760 Datasheet HTML 8Page - National Semiconductor (TI) LM760 Datasheet HTML 9Page - National Semiconductor (TI) LM760 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Applications (Note 1)
Fast Positive Peak Detector
TLH10067 – 7
Level Detector with Hysteresis
TLH10067 – 8
Line Receiver with High Common Mode Range
TLH10067 – 10
Common mode range e g4 c
RS
50
V
Differential Input Sensitivity e 5 c
RS
50
mV
P1 must be adjusted for optimum common mode rejection
For RS e 200X
Common mode range e g16V
Sensitivity e 20 mV
Zero Crossing Detector
(Note 2)
TLH10067 – 9
Total delay e 30 ns
Input Frequency e 300 Hz to 30 MHz
Minimum input voltage e 20 mVP–P
Note 1
Lead numbers shown are for Metal Package only
Note 2
All resistor values in ohms
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com