Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF2 Datasheet(PDF) 4 Page - Schurter Inc.

Part # GSF2
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF2 Datasheet(HTML) 4 Page - Schurter Inc.

  GSF2 Datasheet HTML 1Page - Schurter Inc. GSF2 Datasheet HTML 2Page - Schurter Inc. GSF2 Datasheet HTML 3Page - Schurter Inc. GSF2 Datasheet HTML 4Page - Schurter Inc. GSF2 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Power entry modules without line filter
GSF2
https://www.schurter.com /PG05
Connectors
Derating Curves
1-pole
020406080100
1.5
1.0
0.5
0.0
2.5
3.15
2.0
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C
2-pole
1.5
1.0
0.5
0.0
2.5
2.0
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C
All Variants
Protection
Class
Fuseholder
Terminals L / N
Ground terminal
V-Lock Order Number
connection type
Terminal direction
connection type
Terminal direction
I
-
Quick connect terminals 4.8 x
0.8 mm
straight
Quick connect terminals 4.8 x
0.8 mm
straight
GSF2.0011.01
I
1-pole
Quick connect terminals 4.8 x
0.8 mm
90° to connector axis
Quick connect terminals 4.8 x
0.8 mm
90° to connector axis
GSF2.1022.01
I
1-pole
Quick connect terminals 4.8 x
0.8 mm
straight
Quick connect terminals 4.8 x
0.8 mm
straight
GSF2.1011.01
I
1-pole
Quick connect terminals 4.8 x
0.8 mm
straight
Quick connect terminals 6.3 x
0.8 mm
straight
GSF2.1013.01
I
2-pole
Quick connect terminals 4.8 x
0.8 mm
90° to connector axis
Quick connect terminals 4.8 x
0.8 mm
90° to connector axis
GSF2.2022.01
I
2-pole
Quick connect terminals 4.8 x
0.8 mm
straight
Quick connect terminals 4.8 x
0.8 mm
straight
GSF2.2011.01
█
I
2-pole
Quick connect terminals 4.8 x
0.8 mm
straight
Quick connect terminals 6.3 x
0.8 mm
straight
GSF2.2013.01
II
1-pole
Quick connect terminals 4.8 x
0.8 mm
straight
-
-
GSF2.1010.01
II
2-pole
Quick connect terminals 4.8 x
0.8 mm
straight
-
-
GSF2.2010.01
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
50 Pcs
Mating Outlets/Connectors
Category / Description
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
IEC Connector C15 for hot conditions 120°C, Rewireable, Straight
4781
IEC Connector C15 for hot conditions 120°C, Rewireable, Angled
4784
Connector further types to GSF2
...



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com