Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GSF2
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF2 Datasheet(HTML) 2 Page - Schurter Inc.

  GSF2 Datasheet HTML 1Page - Schurter Inc. GSF2 Datasheet HTML 2Page - Schurter Inc. GSF2 Datasheet HTML 3Page - Schurter Inc. GSF2 Datasheet HTML 4Page - Schurter Inc. GSF2 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Power entry modules without line filter
GSF2
https://www.schurter.com /PG05
Connectors
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40024857
UL Approvals
UL
UL File Number: E93617, E96454
CSA Approvals
CSA
CSA Certification Record: 38456
CQC Approvals
CQC
CCC Certificate Number: 2006010204183182
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
IEC 60127-6
Miniature fuses. Part 6. Fuse-holders for miniature fuse-links
Designed according to
IEC 61058-1
Switches for appliances. Part 1. General requirements
Designed according to
UL 498
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 42
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Designed for applications acc.
IEC 60335-1
Safety of electrical appliances for household and similar purposes. Meets
the requirements for appliances in unattended use. This includes the en-
hanced requirements of glow wire tests acc. to IEC 60695-2-12 and -13.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
MicrositeV-Lock
SCHURTER AG
V-Lock system are based on a matching plug-dose combination. The
connector is equipped with a notch intended for use with the latching
cordset. The cord latching system prevents against accidental removal of
the cordset.
White paperGlow wire test
SCHURTER AG
Meets the requirements of IEC 60335-1 for appliances in unattended use.
This includes the enhanced requirements of glow wire tests acc. to IEC
60695-2-12 and -13.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com