Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9817 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC9817
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9817 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC9817 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MPC9817
Figure 2. MPC9817 20-Lead SSOP Package Pinout (Top View)
MPC9817 OPERATION
Crystal Oscillator
The MPC9817 features a fully integrated Pierce oscillator
to minimize system implementation costs. Other than the
addition of a 25-MHz crystal, no external components are
required.The crystal selection should be: 25 MHz, parallel
resonant type with a load specification of CL = 10 pF. Crystals
with a load specification of CL = 20 pF may be used, however,
the reference frequency may be higher than the specified
25 MHz. Externally supplied capacitors on both the XTAL_IN
and XTAL_OUT pins may be used to trim the frequency as
desired.
The crystal should be located as close to the MPC9817
XTAL_IN and XTAL_OUT pins as possible to avoid any board
level parasitic.
Power Supply Bypassing
The MPC9817 should have all VDD pins bypassed with
0.01 capacitors and a minimum of one 1.0 capacitor for the
overall package. All capacitors should be located as close to
the SSOP pins as possible.
External Clock Source
An external reference source of 25 MHz may be applied to
the XTAL_IN pin. In this mode of operation, the XTAL_OUT
pin should be left floating.
XTAL_IN
XTAL_OUT
FSEL0
VDD
FSEL1
QREF2
GND
QREF1
QREF0
VDD
VDD
QA4
QA3
GND
QA2
QA1
VDD
QA0
MR/OE
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Table 3. Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance
Parallel Resonance
Shunt Capacitance (CL)
5–7 pF
Load Capacitance (CO)
10 pF
Equivalent Series Resistance (ESR)
20–60
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com