Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9817 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC9817
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9817 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC9817 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9817 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Clock Drivers Devices
4
Freescale Semiconductor
MPC9817
Table 4. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VDD
Supply Voltage
–0.3
3.8
V
IIN
DC Input Current
—
±20
mA
IOUT
DC Output Current
—
±75
mA
TS
Storage Temperature
–65
125
°C
Table 5. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
—
VDD ÷ 2
—
V
MM
ESD Protection (machine model)
200
—
—
V
HBM
ESD Protection (human body model)
2000
—
—
V
LU
Latch-Up Immunity
200
—
—
mA
CIN
Input Capacitance
—
4
—
pF
Inputs
θ
JA
Thermal Resistance (junction-to-ambient)
—
80.8
—
°C/W
TC
Ambient Temperature
–40
85
°C
Table 6. DC Characteristics (VDD = 3.3 V ± 5%, TA = –40° to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage (XTAL_IN)
2.4
—
VDD + 0.3
V
Input threshold = VDD/2
VIH
Input High Voltage
2.0
—
VDD + 0.3
V
VIL
Input Low Voltage
—
—
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
—
—
150
µA
VIN = VDDL or GND
VOH
Output High Voltage
2.4
—
—
V
IOH = –12 mA
VOL
Output Low Voltage
—
—
0.4
V
IOL = 12 mA
ZOUT
Output Impedance
—
14
—
Ω
IDD
Maximum Quiescent Supply Current
—
8.0
15.0
mA
VDD pins



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com