Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC765LP6CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC765LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO,
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC765LP6CE Datasheet(HTML) 4 Page - Analog Devices

  HMC765LP6CE Datasheet HTML 1Page - Analog Devices HMC765LP6CE Datasheet HTML 2Page - Analog Devices HMC765LP6CE Datasheet HTML 3Page - Analog Devices HMC765LP6CE Datasheet HTML 4Page - Analog Devices HMC765LP6CE Datasheet HTML 5Page - Analog Devices HMC765LP6CE Datasheet HTML 6Page - Analog Devices HMC765LP6CE Datasheet HTML 7Page - Analog Devices HMC765LP6CE Datasheet HTML 8Page - Analog Devices HMC765LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
HMC765LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
SSB Phase Noise vs. Frequency,
Integer Mode
SSB Phase Noise vs. Temperature
@ 8.3 GHz, Integer Mode
SSB Phase noise vs. Reference Freq. &
Loop BW @ 8.3 GHz, Integer Mode
SSB Phase Noise Fractional
Spurs @ 8.302 GHz
Example of Cycle Slip Prevention Hop
from 8.6 to 8.1 GHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
7800 MHz
8300 MHz
8800 MHz
OFFSET FREQUENCY (Hz)
Temp = 25C
Fref = 50 MHz
Loop BW = 100 kHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
Fref = 10MHz
Loop BW= 10kHz
Fref = 50MHz
Loop BW=100kHz
OFFSET FREQUENCY (Hz)
10
2
10
3
10
4
10
5
10
6
10
7
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
OFFSET FREQUENCY (Hz)
Temp = 25C
Fref = 50MHz
Loop BW = 100kHz
-10
0
10
20
30
40
50
60
70
80
90 100 110 120
8
8.1
8.2
8.3
8.4
8.5
8.6
8.7
TIME (μSEC)
CSP ON
CSP OFF
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
Fref = 50 MHz
Loop BW = 100 kHz
Typical Reference Sensitivity
vs. Frequency, 3.3V [1]
-50
-40
-30
-20
-10
0
10
20
0
50
100
150
200
250
300
FREQUENCY (MHz)
R = Max, +25C
R = 3, +85C
R = Max, +85C
R = 3, +25C
[1] r refers to the reference path division ratio
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com