Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC765LP6CE Datasheet(PDF) 14 Page - Analog Devices

Part # HMC765LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO,
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC765LP6CE Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC765LP6CE Datasheet HTML 6Page - Analog Devices HMC765LP6CE Datasheet HTML 7Page - Analog Devices HMC765LP6CE Datasheet HTML 8Page - Analog Devices HMC765LP6CE Datasheet HTML 9Page - Analog Devices HMC765LP6CE Datasheet HTML 10Page - Analog Devices HMC765LP6CE Datasheet HTML 11Page - Analog Devices HMC765LP6CE Datasheet HTML 12Page - Analog Devices HMC765LP6CE Datasheet HTML 13Page - Analog Devices HMC765LP6CE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 14
Item
description
J1
dual row terminal Strip
J2, J3
PCB Mount SMa rF Connector
JP1 - JP6
Single row terminal Strip
C1, C21, C38 - C39, C60
1000 pF Capacitor, 0402 Pkg.
C2, C5, C6, C8, C10, C13, C16,
C19, C22, C24, C26, C51, C55
10 pF Capacitor, 0402 Pkg.
C3, C7, C9, C11, C12, C14, C18, C20, C23,
C25, C27 - C29, C34 - C36, C40 - C43,
C46, C50, C52, C54, C56
0.1 µF Capacitor, 0402 Pkg.
C4, C17, C32, C45, C48,
C49, C53, C68, C74
4.7 µF Capacitor, 0805 Pkg.
C15, C31
100 pF Capacitor, 0402 Pkg.
C33
1800 pF Capacitor, 0402 Pkg.
C37
0.056 µF Capacitor, 0603 Pkg.
C44, C67
1200 pF Capacitor, 0402 Pkg.
C47, C73
10,000 pF Capacitor, 0402 Pkg.
C57
22 µF tantalum Capacitor, Case d
C58, C59
4.7 µF tantalum Capacitor, Case B
C61
3900 pF Capacitor, 0402 Pkg.
FB1 - FB4
1000 Ohm 200 ma Ferrite Chip, 0805 Pkg.
r1, r8
100k Ohm resistor, 0402 Pkg.
r2, r7
120 Ohm resistor, 0402 Pkg.
r3, r17, r20, r41
1k Ohm resistor, 0402 Pkg.
r4
620 Ohm resistor, 0402 Pkg.
r5, r14, r15, r18, r19
10k Ohm resistor, 0402 Pkg.
r6
56 Ohm resistor, 0402 Pkg.
r9
10 Ohm resistor, 0402 Pkg.
r10, r22, r23
Zero Ohm resistor, 0402 Pkg.
r11, r16, r40
4.02k Ohm resistor, 0402 Pkg.
r13
130 Ohm resistor, 0402 Pkg.
r21
30 Ohm resistor, 0402 Pkg.
tP1 - tP6
test Point PC Compact SMt
U1
HMC765LP6Ce Fractional-n PLL, with
Integrated VCO
U2, U4, U6
Low noise 3.3V, 100 ma Linear regulator
U5
Low noise Op-amp, tHS4031Idgn
U8, U9
5V, 800ma Voltage regulator
Y2
3.3V, 50 MHz VCXO Crystal Oscillator
PCB [2]
125536 evaluation Board
[1] reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: rogers 4350 or arlon 25Fr and Fr4
List of Materials for Evaluation PCB 127270 [1]
HMC765LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com