Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTNFET Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HTNFET
Description  HIGH TEMPERATURE N-CHANNEL POWER FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTNFET Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HTNFET Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTNFET Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HTNFET
900214 Rev. D
6-04
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS (1, 2)
(1) Stresses in excess of those listed above may result in permanent damage.
These are stress ratings only, and operation at these levels is not implied.
Frequent or extended exposure to absolute maximum conditions may
affect device reliability.
(2) ESD sensitivity is determined by the gate capacitance; additional ESD
protection would decrease performance.
(3) Derate power at 1W/C to Tj = 300
°C.
-55 to +225
°C, unless otherwise specified
(1) Typical operating conditions: VDS = 10 V, TA=25
°C.
(2) Worst case operating conditions: VDS = 50 V, TA = -55 to 225
°C.
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Ce
u
l
a
Vs
t
i
n
U
ID
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
CC
°
5
2
=
j
T
@D
B
TA
ID
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
CC
°
0
0
2
=
j
T
@D
B
TA
V S
G
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
T
-
e
t
a
G0
1V
t
d
/
v
dy
r
e
v
o
c
e
R
e
d
o
i
D
k
a
e
PD
B
Ts
n
/
V
TJ
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O0
0
3
+
o
t
5
5
-C
°
g
t
s
Te
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
0
3
+
o
t
5
5
-C
°
d
Pr
e
w
o
P
g
n
i
t
a
r
e
p
OC
°
0
5
2
=
j
T
@0
5)
3
(
W
IDSS vs TEMPERATURE
1.00E-11
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
0
50
100
150
200
250
Temperature (C)
VDS = 90 V
VDS = 50 V
VDS = 10 V
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tp
y
T
)
1
(
e
s
a
C
t
s
r
o
W
)
2
(
s
t
i
n
U
n
i
Mx
a
M
S
S
D
)
R
B
(
Ve
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
c
r
u
o
s
-
n
i
a
r
D
C
D
A
µ
0
0
1
=
D
I
,
0
=
S
G
V
5
5V
)
n
o
(
S
D
R
e
t
a
t
s
-
n
o
e
c
r
u
o
s
-
o
t
-
n
i
a
r
d
c
i
t
a
t
S
C
°
5
2
=
a
T
@
e
c
n
a
t
s
i
s
e
r
A
1
.
0
=
D
I
,
C
D
V
5
+
=
S
G
V4
.
0
Ω
)
h
t
(
S
G
V
@
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
e
t
a
G
C
°
5
2
=
a
T
A
µ
0
0
1
=
D
I
,
S
D
V
=
S
G
V6
.
14
.
2V
S
S
G
I
e
g
a
k
a
e
l
d
r
a
w
r
o
f
e
c
r
u
o
s
-
o
t
-
e
t
a
GC
D
V
5
+
=
S
G
V0
0
1A
n
e
g
a
k
a
e
l
e
s
r
e
v
e
r
e
c
r
u
o
s
-
o
t
-
e
t
a
GC
D
V
5
-
=
S
G
V0
0
1
-A
n
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
g
Q)
D
G
C
+
S
G
C
(
e
g
r
a
h
c
e
t
a
g
l
a
t
o
T
p
e
e
w
s
,
S
G
V
(
V
5
+
=
S
G
V
;
V
0
5
+
=
D
D
V
;
%
0
1
=
d
;
)
V
0
1
+
o
t
0
=
=
τ
s
m
1
3
.
4C
n
)
n
o
(
d
te
m
i
t
y
a
l
e
d
n
o
-
n
r
u
T
;
V
0
5
+
=
D
D
V
;
V
0
1
+
o
t
0
=
p
e
e
w
s
,
S
G
V
;
%
1
.
0
=
d
=
τ
;
s
m
1
5
1
=
D
R
Ω
0
3
=
G
R
,
Ω
0
1s
n
r
te
m
i
t
e
s
i
R
0
2s
n
)
f
f
o
(
d
te
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
T
4
6s
n
f
te
m
i
t
ll
a
F
0
2s
n
s
s
i
Ce
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
V
8
2
+
=
S
D
V
,
0
=
S
G
V
)
n
o
i
t
a
ll
i
c
s
o
V
1
.
0
(
z
H
M
0
.
1
=
f
0
9
2F
p
s
s
o
Ce
c
n
a
t
i
c
a
p
a
c
t
u
p
t
u
O
7
8F
p
s
s
r
Ce
c
n
a
t
i
c
a
p
a
c
r
e
f
s
n
a
r
t
e
s
r
e
v
e
R
4
1F
p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com