Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTNFET Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HTNFET
Description  HIGH TEMPERATURE N-CHANNEL POWER FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTNFET Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HTNFET Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTNFET Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Information
HTMOSTM High Temperature Products
HIGH TEMPERATURE N-CHANNEL POWER FET
HTNFET
• Down-Hole Oil, Gas and Geothermal Well
• Aerospace and Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
• Specified Over -55 to +225
°C
• Output Current up to 1 Amp Continuous
• Typical Input Voltage up to 60V
• Silicon-On-Insulator (SOI)
• 4-Pin Power-Tab Package,
8-Pin Ceramic Dip with Integral Heat Sink or
Die Dimensions 4.699 x 2.286 mm
FEATURES
APPLICATIONS
The HTNFET is a high reliability N-Channel Power FET
designed specifically for extremely wide temperature
range applications such as down-hole instrumentation,
aerospace, turbine engine and industrial process control.
This power FET is fabricated using a Silicon-On-Insulator
(SOI) process that dramatically reduces leakage currents
at high temperatures.
GENERAL DESCRIPTION
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com
High DC current capability combined with low Rds-ON make
this component suitable both for DC and switching applica-
tions. Typically, parts will operate at +300
°C up to a year,
with derated performance. All parts are burned in to elimi-
nate infant mortality. Additionally, each part is tested over -
55 to +225
°C to provide guaranteed performance over the
entire temperature band.
FUNCTIONAL DIAGRAM
Drain
Gate
Source
PACKAGE DIAGRAMS
4-Pin Power-Tab Package
8-Pin Ceramic DIP With Heat Sink
1
2
3
4
8
6
5
7 Gate
Source
Source
Source
Drain
Drain
Drain
Gate
DIE DIAGRAM


Similar Part No. - HTNFET

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTN2A60 HUASHAN-HTN2A60 Datasheet
180Kb / 3P
NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTN4A60 HUASHAN-HTN4A60 Datasheet
175Kb / 3P
NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
logo
List of Unclassifed Man...
HTN4A60S ETC2-HTN4A60S Datasheet
142Kb / 3P
NON INSULATED TYPE TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
More results

Similar Description - HTNFET

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
N Channel Power MOS FET High Speed Power Switching
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com