Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTOP01 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HTOP01
Description  High Temperature Dual Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTOP01 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HTOP01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Temperature Dual Precision Operational Amplifier
HTOP01
DESCRIPTION
The HTOP01 is a precision low power op amp, offering
very low input offset voltage and drift over an operating
temperature range of -55 C to 225 C. Using auto-
zeroing techniques input offset voltage is continuously
sampled and compensated, providing near perfect offset
voltage compensation over temperature and time.
An internal oscillator and logic provides all necessary
auto-zero clock signals, and no external capacitors are
needed.
The internal auto-zero clock generator produces a
pseudo-random clock frequency operating between
2kHz
– 4kHz that effectively “spreads out” the clock
noise frequency spectrum over a 2kHz span. This
greatly reduces detectable cloc
k noise in the amplifier’s
output spectrum.
Additionally, an external clock input pin (XCLK) is
provided along with a select input pin (SEL) to choose
between the internal clock and an optional external
clock.
The external clock option allows timing flexibility for
synchronously sampled systems, where no clock energy
can be tolerated in the sampled amplifier output.
To save power, a power shutdown pin (SHDN) de-
powers all analog circuitry when asserted (active high).
The current with SHDN asserted is <150 A over
temperature.
APPLICATIONS
Downhole Drilling Measurement and Production Tools
Strain Gauge Transducers
RTD Temperature Sensing
High Temperature Instrumentation
High Resolution Data Acquisition
Low Power Measurement
FEATURES
-55 C to 225 C Ambient Temperature Range
Gain-Bandwidth Product: 2.0MHz Typical
Continuous Input Offset Voltage Auto-Zeroing
With Internal Clock
Single 5V Supply Operation
Input Offset Voltage 100 V Max Over
Temperature
5.0mA maximum Supply Current
Input Offset Drift 0.2 V/ C Max
Power shutdown pin provided
High Gain, CMRR: 100dB Min
External clocking option for synchronous systems
Available in 14 lead DIP package


Similar Part No. - HTOP01

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
Inolux Corporation
HTOV411040UB INOLUX-HTOV411040UB Datasheet
609Kb / 10P
4mm Oval Lamp
HTOV411040UR INOLUX-HTOV411040UR Datasheet
609Kb / 10P
4mm Oval Lamp
More results

Similar Description - HTOP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
Dual, Precision JFET High Speed Operational Amplifier
REV.C
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_15 Datasheet
438Kb / 20P
Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
logo
Analog Devices
OP249 AD-OP249_17 Datasheet
441Kb / 19P
Precision JFET, High Speed, Dual Operational Amplifier
10/15-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com