Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHFD37 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VHFD37
Description  Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHFD37 Datasheet(HTML) 1 Page - IXYS Corporation

  VHFD37 Datasheet HTML 1Page - IXYS Corporation VHFD37 Datasheet HTML 2Page - IXYS Corporation VHFD37 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2010 IXYS All rights reserved
1 - 3
IXYS reserves the right to change limits, test conditions and dimensions.
VHFD 37
20100705a
V
RRM = 800-1600 V
I
dAVM
= 40 A
Symbol
Conditions
Maximum Ratings
I
dAV
T
H = 85
°C, module
36
A
I
dAVM
module
40
A
I
FRMS, ITRMS
per leg
31
A
I
FSM, ITSM
T
VJ = 45
°C;
t = 10 ms (50 Hz), sine
320
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
350
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
280
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
310
A
I2t
T
VJ = 45
°C
t = 10 ms (50 Hz), sine
500
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
520
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
390
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
400
A2s
(di/dt)
cr
T
VJ = 125
°C
repetitive, I
T = 50 A
150
A/
μs
f = 50 Hz, t
P = 200
μs
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive, I
T = 0.5 IdAV
500
A/
μs
di
G/dt = 0.3 A/
μs
(dv/dt)
cr
T
VJ = T(vj)m;
V
DR = 2/3 VDRM
1000
V/
μs
R
GK =
∞; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =
30
μs
≤
10
W
I
T = 0.5 IdAVM
t
p =
500
μs
≤
5W
t
p =
10 ms
≤
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL
≤ 1 mA
t = 1 s
3600
V~
d
S
Creep distance on surface
12.7
mm
d
A
Strike distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 UNF)
18-22
lb.in.
Weight
35
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
VHFD 37-08io1
1300
1200
VHFD 37-12io1
1700
1600
VHFD 37-16io1
Features
Package with DCB ceramic base plate
Isolation voltage 3600 V~
Planar passivated chips
Blocking voltage up to 1600 V
Low forward voltage drop
Leads suitable for PC board soldering
UL registered E 72873
Applications
Supply for DC power equipment
DC motor control
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling
Bridge and Freewheeling Diode
Dimensions in mm (1 mm = 0.0394")
Half Controlled
Single Phase Rectifier Bridge
Including Freewheeling Diode and Field Diodes
1
3
5
2
6
8
10


Similar Part No. - VHFD37

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD37-08IO1 IXYS-VHFD37-08IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
VHFD37-12IO1 IXYS-VHFD37-12IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
VHFD37-14IO1 IXYS-VHFD37-14IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
VHFD37-16IO1 IXYS-VHFD37-16IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
More results

Similar Description - VHFD37

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHF28-08IO5 IXYS-VHF28-08IO5 Datasheet
92Kb / 3P
Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
VHFD37-16IO1 IXYS-VHFD37-16IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
logo
Powersem GmbH
PSCH50 POWERSEM-PSCH50 Datasheet
169Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
PSCH55 POWERSEM-PSCH55 Datasheet
181Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
PSCH75 POWERSEM-PSCH75 Datasheet
192Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
PSCH85 POWERSEM-PSCH85 Datasheet
208Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
PSCH125 POWERSEM-PSCH125 Datasheet
210Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
logo
IXYS Corporation
VHF15 IXYS-VHF15 Datasheet
99Kb / 3P
Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
VHF28 IXYS-VHF28 Datasheet
95Kb / 3P
Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
VHF36 IXYS-VHF36 Datasheet
65Kb / 3P
Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com