Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHFD37 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VHFD37
Description  Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHFD37 Datasheet(HTML) 3 Page - IXYS Corporation

  VHFD37 Datasheet HTML 1Page - IXYS Corporation VHFD37 Datasheet HTML 2Page - IXYS Corporation VHFD37 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2010 IXYS All rights reserved
3 - 3
IXYS reserves the right to change limits, test conditions and dimensions.
VHFD 37
20100705a
0.001
0.01
0.1
1
0
50
100
150
200
250
300
23
4
5 6 7 8 9
110
101
102
103
0.00.5
1.01.5
2.0
0
10
20
30
40
50
60
70
0
10203040
0
20
40
60
80
100
120
0
20406080
100 120 140
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
F(AV)M
A
T
amb
t
s
Z
thJH
K/W
A
2s
0
20
406080 100 120
0
10
20
30
40
50
I
d(AV)M
T
H
A
V
A
°C
°C
V
R = 0 V
Fig. 3 Forward current vs. voltage
drop per diode
Fig. 4 Surge overload current
Fig. 5 I2t versus time per diode
Fig. 6 Power dissipation vs. direct output current and ambient temperature
Fig. 7 Max. forward current vs.
heatsink temperature
Fig. 8 Transient thermal impedance junction to heatsink
T
VJ = 125°C
T
VJ = 45°C
typ.
T
VJ = 125°C
T
VJ =
25°C
max.
T
VJ = 125°C
T
VJ = 45°C
Constants for Z
thJH calculation:
iR
thi (K/W)
t
i (s)
1
0.005
0.008
2
0.2
0.05
3
0.875
0.06
4
0.47
0.25
50Hz, 80% V
RRM
R
thHA :
0.5 K/W
1.0 K/W
1.5 K/W
2.0 K/W
3.0 K/W
4.0 K/W
6.0 K/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com