Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-11 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT802/RM-11
Description  Circular Connectors Conforming to JIS C 5432
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-11 Datasheet(HTML) 1 Page - Hirose Electric

  HT802/RM-11 Datasheet HTML 1Page - Hirose Electric HT802/RM-11 Datasheet HTML 2Page - Hirose Electric HT802/RM-11 Datasheet HTML 3Page - Hirose Electric HT802/RM-11 Datasheet HTML 4Page - Hirose Electric HT802/RM-11 Datasheet HTML 5Page - Hirose Electric HT802/RM-11 Datasheet HTML 6Page - Hirose Electric HT802/RM-11 Datasheet HTML 7Page - Hirose Electric HT802/RM-11 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2018.8
⑥
Circular Connectors Conforming to JIS C 5432
JR Series
Features
1. These round connectors conform to
JIS C 5432 "Circular connectors for
electric appliances."
Product Specifications
Ratings
Rated
current
Shell size
Number of contacts
Rated current
13
3
10A
55A
16
7
10A
10, 14
5A
21
10
10A
16
5A (Crimp type : 3A)
26
5A (Contact numbers A and B only : 10A)
25
4
30A
5, 16
10A
24
5A (Crimp type : 3A)
Ratings
Rated
voltage
Shell size
Number of contacts
Rated voltage
13
3, 5
AC250, DC350V
16
7, 10, 14
21
10, 16, 26
25
4, 5
16, 24
AC1000V, DC1400V
AC250, DC350V
Ratings
Operating temperature range
-25 to +85ç
Storage temperature range
-10 to +60ç
Items
Specifications
Conditions
1. Contac resistance
5mø max.
JR 21-16 contact crimping type : 10mø max.
JR 25-24 contact crimping type : 10mø max.
Measured at DC 1A
2. Insulation resistance
1,000Mø min.
JR 25-4 and 5 contacts : 10,000Mø min.
Measured at DC 500V
3. Withstanding voltage No flashover or dielectric breakdown.
AC 1,000V for 1 minute
JR 25-4, 5 contacts : AC 3,000V for 1 minute
4. Vibration resistance
No electrical discontinuity for 10µs or greater
10 to 55Hz/cycle, amplitude : 0.75mm, 3 directions,
2 hours each
5. Shock resistance
No electrical discontinuity for 10µs or greater
Acceleration : 490m/s
2, duration : 11ms,
6 axis directions, 3 cycles each
6. Mating cycles
Contact resistance : 10mø max.
500 times
7. Temperature cycle
Insulation resistance : 1,000Mø min.
JR 25-4 and 5 contacts : Insulation resistance :
10,000Mø min.
-40ç : 30 minutes ➝ Normal temperature : 10 to
15 minutes ➝ 100ç : 30 minutes ➝ Normal
temperature : 10 to 15 minutes, left for 5 cycles
8. Moisture resistance
Insulation resistance (when dry) 100Mø min.
5,000Mø min. : JR 25-4 , 5 contacts
Temperature : 40ç, relative humidity: 90 to 95%,
left for 96 hours
■Materials / Finish
Part
Material
Finish
Remarks
Shell
Aluminum alloy
Nickel plating
--------------
Insulator
Phenol resin
PPS resin
--------------
UL94V-0
Contact
Copper alloy
Silver plating
--------------
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.
1


Similar Part No. - HT802/RM-11

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT802/RM-11 HIROSE-HT802/RM-11 Datasheet
823Kb / 13P
Waterproof Circular Connectors
More results

Similar Description - HT802/RM-11

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMS08A18-10S-DT10D HIROSE-HMS08A18-10S-DT10D Datasheet
1Mb / 20P
MS type Lower Profile Plug(Circular connector conforming to MIL-C-5015)
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
DDK Ltd.
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE05 DDK-CE05 Datasheet
441Kb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
86Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
logo
DDK Ltd.
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com