Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-11 Datasheet(PDF) 2 Page - Hirose Electric

Part # HT802/RM-11
Description  Circular Connectors Conforming to JIS C 5432
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-11 Datasheet(HTML) 2 Page - Hirose Electric

  HT802/RM-11 Datasheet HTML 1Page - Hirose Electric HT802/RM-11 Datasheet HTML 2Page - Hirose Electric HT802/RM-11 Datasheet HTML 3Page - Hirose Electric HT802/RM-11 Datasheet HTML 4Page - Hirose Electric HT802/RM-11 Datasheet HTML 5Page - Hirose Electric HT802/RM-11 Datasheet HTML 6Page - Hirose Electric HT802/RM-11 Datasheet HTML 7Page - Hirose Electric HT802/RM-11 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
JR 16 P A - 10 S C (**)
❶❷
❸
❹
❺
❻
❼
❽
qModel name : JR Series
wShell size : The shell size is the outer shell diameter of the
mating end of the plug.
eShell type
P
: Threaded lock plug
J
: Threaded lock jack
R
: Threaded lock receptacle BP : Bayonet-lock plug
RC : Threaded lock receptacle cap BR : Bayonet-lock receptacle
rShell variation : Letters such as A, B, C, etc. indicate
variations in the shell.
tNumber of contacts
yContact form
P : Male contact
S : Female contact
uContact termination method:
None : Solder termination
C
: Crimp termination
iOther specifications : A two-digit number is added to
indicate other specifications.
E
B
JR25PH-4S
Part No.
HRS No.
No. of
contacts
ØA
B
ØC
ØD
E
JIS No.
JR13PK-3P(71)
114-0501-7 71
3
12.7
M18×1
21.8
8.5
45.5
CNR01SPM013003
JR13PK-5P(71)
114-0502-0 71
5
CNR01SPM013005
JR16PK-7P(71)
114-0503-2 71
7
16.3
M22×1
25.8
11.5
49.5
CNR01SPM016007
JR16PK-10P(71)
114-0504-5 71
10
CNR01SPM016010
JR21PK-10P(71)
114-0505-8 71
20.5
M26×1
29.8
15
53.5
CNR01SPM021010
JR21PK-16P(71)
114-0506-0 71
16
CNR01SPM021016
JR25PK-16P(71)
114-0507-3 71
24.7
M30×1
33.8
18
56.5
CNR01SPM025016
JR25PK-24P(71)
114-0508-6 71
24
CNR01SPM025024
JR25PH-4P
114-0626-2
4
--------------
JR25PH-5P
114-0624-7
5
--------------
JR13PK-3S(71)
114-0509-9 71
3
12.7
M18×1
21.8
8.5
45.5
CNR01SPF013003
JR13PK-5S(71)
114-0510-8 71
5
CNR01SPF013005
JR16PK-7S(71)
114-0511-0 71
7
16.3
M22×1
25.8
11.5
49.5
CNR01SPF016007
JR16PK-10S(71)
114-0512-3 71
10
CNR01SPF016010
JR21PK-10S(71)
114-0513-6 71
20.5
M26×1
29.8
15
53.5
CNR01SPF021010
JR21PK-16S(71)
114-0514-9 71
16
CNR01SPF021016
JR25PK-16S(71)
114-0515-1 71
24.7
M30×1
33.8
18
56.5
CNR01SPF025016
JR25PK-24S(71)
114-0516-4 71
24
CNR01SPF025024
JR25PH-4S
114-0627-5
4
--------------
Threaded lock plug
Solder Type
2
JR Series
●Circular Connectors Conforming to JIS C 5432



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com