Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-12 Datasheet(PDF) 7 Page - Hirose Electric

Part # HT802/RM-12
Description  Circular Connectors Conforming to JIS C 5432
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-12 Datasheet(HTML) 7 Page - Hirose Electric

  HT802/RM-12 Datasheet HTML 1Page - Hirose Electric HT802/RM-12 Datasheet HTML 2Page - Hirose Electric HT802/RM-12 Datasheet HTML 3Page - Hirose Electric HT802/RM-12 Datasheet HTML 4Page - Hirose Electric HT802/RM-12 Datasheet HTML 5Page - Hirose Electric HT802/RM-12 Datasheet HTML 6Page - Hirose Electric HT802/RM-12 Datasheet HTML 7Page - Hirose Electric HT802/RM-12 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Contact dia.
Type
Item
Part No.
HRS No.
Applicable terminal
Applicable wire
Ø1
Manual
Manual
crimping tool
HT802/RM-11
150-0401-6
JRC-PC2-112
JRC-SC2-112
20 to 24 AWG
HT802/RM-12
150-0402-9
JRC-PC2-122
JRC-SC2-122
24 to 28 AWG
Automatic
Automatic
crimping press
CM-105C
901-0001-0
--------------
--------------
Applicator
AP105-JRC2-1
901-2037-1
JRC-PC2-212
JRC-SC2-212
20 to 24 AWG
AP105-JRC2-2
901-2038-4
JRC-PC2-222
JRC-SC2-222
24 to 28 AWG
Extraction tool
RM-TP
150-0008-7
--------------
--------------
Ø1.6
Manual
Manual
crimping tool
JRC-TC-11
150-0033-4
JRC-PC-112
JRC-SC-112
16 AWG
JRC-TC-12
150-0034-7
JRC-PC-112
JRC-SC-112
18 to 20 AWG
Automatic
Automatic
crimping press
CM-105C
901-0001-0
--------------
--------------
Applicator
AP105-JRC-1
901-2039-7
JRC-PC-212
JRC-SC-212
16 to 20 AWG
Extraction tool
JRC-TP
150-0035-0
--------------
--------------
Automatic Crimping
Machine CM-105C
Hand Tool Crimp
Extraction Tool
Applicable Tools
(For Contact Diameter Ø1.6mm)
(For Contact Diameter Ø1.0mm)
(For Contact Diameter Ø1.6mm)
(For Contact Diameter Ø1.0mm)
Precautions
This product series uses silver plated contacts. Silver reacts easily to exposure to sulfur gas so the below conditions may
cause tarnishing.
 ・Dusty environments
 ・Area with a high concentration area of gases such as sulfur dioxide gas, hydrogen sulfide gas, nitrogen dioxide gas and so on.
Example; In close proximity to factory exhaust, automotive emissions, etc.
 ・Close to heaters, or in other areas marked by extreme temperature differences or high humidity.
 ・Close to rubber products includes rubber adhesives.
The Electrical connection is not affected by tarnishing on a silver surface due to the wiping effect of the contact pins.
Storage
Packing state; Packed in original packing or equivalent container
Temperature -10 to +60
℃
Humidity
85% Max
(It is recommended that the product be stored in an area of normal level of temperature and humidity, and free of any
temperature fluctuation)
Please use this products within 6 months of delivery.
(After 6 month, please check the solderbility before use)
“Storage” means long-term storage of the unused products in sealed packaging, prior to assembly to PCB.
7
JR Series
●Circular Connectors Conforming to JIS C 5432



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com