Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-12 Datasheet(PDF) 8 Page - Hirose Electric

Part # HT802/RM-12
Description  Circular Connectors Conforming to JIS C 5432
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-12 Datasheet(HTML) 8 Page - Hirose Electric

  HT802/RM-12 Datasheet HTML 1Page - Hirose Electric HT802/RM-12 Datasheet HTML 2Page - Hirose Electric HT802/RM-12 Datasheet HTML 3Page - Hirose Electric HT802/RM-12 Datasheet HTML 4Page - Hirose Electric HT802/RM-12 Datasheet HTML 5Page - Hirose Electric HT802/RM-12 Datasheet HTML 6Page - Hirose Electric HT802/RM-12 Datasheet HTML 7Page - Hirose Electric HT802/RM-12 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Contact Position Arrangement
Remarks : 1. Viewed from mating face.
2. The withstand voltage is the test value.
Shell size
13
No. of contacts
3
5
Withstanding voltage
AC1000V a minute
Current rating
10A
5A
Insulation resistance
1000Mø MIN.
Contact resistance
5mø MAX.
Solderpot inner diameter
1.7mm dia.
1.1mm dia.
Shell size
16
No. of contacts
7
10
14
Withstanding voltage
AC1000V a minute
Current rating
10A
5A
Insulation resistance
1000Mø MIN.
Contact resistance
5mø MAX.
Solderpot inner diameter
1.7mm dia.
1.1mm dia.
Shell size
21
No. of contacts
10
16
26
Withstanding voltage
AC1000V a minute
Current rating
10A
5A (crimp type 3A)
5A
10A (only A, B)
Insulation resistance
1000Mø MIN.
Contact resistance
5mø MAX.
5mø MAX. (crimp type 10mø)
5mø MAX.
Solderpot inner diameter
1.7mm dia.
1.1mm dia.
1.7mm dia.
(only A, B)
Shell size
25
No. of contacts
4
5
16
24
Withstanding voltage
AC3000V a minute
AC1000V a minute
Current rating
30A
10A
5A (crimp type 3A)
Insulation resistance
10,000Mø MIN.
1000Mø MIN.
Contact resistance
5mø MAX.
5mø MAX. (crimp type 10mø)
Solderpot inner diameter
3.4mm dia.
1.7mm dia.
1.1mm dia.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 08/2018. Contents are subject to change without notice for the purpose of improvements.
8
JR Series
●Circular Connectors Conforming to JIS C 5432



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com