Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2996B Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP2996B
Description  2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2996B Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP2996B Datasheet HTML 2Page - Sipex Corporation SP2996B Datasheet HTML 3Page - Sipex Corporation SP2996B Datasheet HTML 4Page - Sipex Corporation SP2996B Datasheet HTML 5Page - Sipex Corporation SP2996B Datasheet HTML 6Page - Sipex Corporation SP2996B Datasheet HTML 7Page - Sipex Corporation SP2996B Datasheet HTML 8Page - Sipex Corporation SP2996B Datasheet HTML 9Page - Sipex Corporation SP2996B Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 07/7/05
SP2996B 2A Termination Regulator
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Turn-on Threshold Vs. Temperature
320
360
400
440
480
520
-40
-20
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
Temperture
ºC
VCTRL = 3.3V
Vin = 2.5V
Turn-On Threshold vs. Temperature
320
360
400
440
480
520
-40
- 20
0
2 0
4 06 08 0
100
120
Temperature
ºC
VCTRL = 3.3V
Vin = 2.5V
Sourcing Current (Peak) vs. Temperature
0.0
1.0
2.0
3.0
4.0
5.0
-40
-20
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
Temperature
ºC
VCTRL = 5V
Vin = 2.5V
Vout = 1.25V
Sinking Current (Peak) vs. Temperature
0
1
2
3
4
5
-40
- 20
0
2 0
4 06 0
8 0
100
120
Temperature
ºC
VCTRL = 3.3V
Vin = 2.5V
Vout = 1.25V
Output Voltage Offset vs. Temperature
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
-40
-20
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
Temperature
(ºC)
VCTRL = 5V
Vin = 2.5V
Vout = 1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com