Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2996B Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP2996B
Description  2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2996B Datasheet(HTML) 2 Page - Sipex Corporation

  SP2996B Datasheet HTML 1Page - Sipex Corporation SP2996B Datasheet HTML 2Page - Sipex Corporation SP2996B Datasheet HTML 3Page - Sipex Corporation SP2996B Datasheet HTML 4Page - Sipex Corporation SP2996B Datasheet HTML 5Page - Sipex Corporation SP2996B Datasheet HTML 6Page - Sipex Corporation SP2996B Datasheet HTML 7Page - Sipex Corporation SP2996B Datasheet HTML 8Page - Sipex Corporation SP2996B Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Date: 07/07/05
SP2996B 2A Termination Regulator
© Copyright 2005 Sipex Corporation
2
Supply Voltage ................................................... -0.4V to 7V
Operating Temperature Range.......................-40°C to +85°C
Junction Temperature ............. ..................................125°C
Storage Temperature Range........................-65°C to +150°C
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
V
IN = 2.5V, VCTRL = 3.3V, VREF = 0.5VIN, COUT = 10µF (Ceramic), TA = 25ºC, unless otherwise specified. (Note 1)
Note 1 . Specifications are tested for production at T
A = 25ºC . Specifications over the -40ºC to 85ºC operating
temperature range are assured by design, characterization and correlation with Statistical Quality Controls (SQC).
Note 2. V
OS offset is the voltage measurement defined as VOUT subtracted from VREF.
Note 3. Load regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 4. Current limit is measured by pulsing a short time.
Note 5. In order to safely operate your system, V
CTRL must be > VIN.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
(DDR 1/2) (Note 5)
VIN
Keep V
CTRL
≥
VIN on
operation power on and
power off sequences
1.6
2.5/1.8
-
V
V
CNTL
IOUT = 0mA
3.0
3.3
6
Output Voltage
V
OUT
IOUT = 0mA
VREF
V
Output Offset Voltage
VOS
No Load
-20
-
20
mV
Load Regulation
(DDR 1/2)
∆ V
LOR
IOUT = 0.1mA to +2A
-
10
25
mV
IOUT = 0.1mA to -2A
-
10
25
Quiescent Current
I
Q
VREF < 0.2V, V
OUT
= OFF
-
8
30
µA
Operating Current of V
CNTL
ICNTL
No Load
-
3
10
mA
Bias Current of VREF
VREF = 1.25V
-
-
1
µA
Current Limit
IIL
Note 4
2.2
3
4.5
A
Thermal Protection
Thermal Shutdown
Temperature (Note 5)
T
SD
3.3V
≤
VCNTL ≤
5V
Guaranteed by design
125
150
-
ºC
Thermal Shutdown
Hysteresis
Guaranteed by design
-
30
-
ºC
Shutdown Specifications
Shutdown Threshold
VTRIGGER
Output ON
( V
REF
= ZeroV ---->1 .25V)
0.8
-
-
V
Shutdown Threshold
VTRIGGER
Output OFF
( V
REF
= 1.25V ----> ZeroV)
--
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com