Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV3500
Description  Integrated Up-Convertor with 32-bit CPU Core with Video Enhancers and Bitmap On-Screen Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3500 Datasheet(HTML) 1 Page - STMicroelectronics

  STV3500 Datasheet HTML 1Page - STMicroelectronics STV3500 Datasheet HTML 2Page - STMicroelectronics STV3500 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
November 2004
STV3500
Integrated Up-Convertor with 32-bit CPU Core
with Video Enhancers and Bitmap On-Screen Display
Rev. 1
FEATURES
■ Versatile integrated up-converter
– 100/120-Hz Interlaced: AABB, AA*B*B,
AA*BB*, ABAB or AAAA field-repeat
– Motion driven 100-Hz up-conversion based
on Median filter
– 50/60-Hz progressive with line-interpolation,
field-merging with motion-adaptive de-
interlacing
– Advanced still picture modes: AA*AA* and
ABAB interlaced or AAAA non-interlaced
– Automatic movie mode detection and
scanning
■ Standard definition input
– ITU-R BT.656/601 video input
– Separate H/V inputs synchronous with input
clock
– 3D temporal noise reduction with comet-
effect correction
– Movie mode detection with motion phase
recovery
– Scene-change detector for contrast enhancer
and up-conversion control
– Letterbox format detection and auto-format
correction
■ High-quality video display
– Picture structure improvement including color
transition improvement, luma peaking/coring
and luma contrast enhancer
– H/V format conversion with zoom In/Out (4x
to 1/8x) with H/V decimation
– Letterbox and 4:3 to 16:9 format conversion
with programmable 5-segment panoramic
mode
– Very flexible sync generator for master and
slave modes by Vsync and Hsync signals
with line-locked pixel clock
– Progressive display mode (60 Hz, 525 lines)
for full-screen graphic planes
– Support for monitor mode: VGA, SVGA, XGA
– Mosaic mode with up to 16 pictures displayed
■ High-Performance 8-bit Bitmap OSD Generator
– Pixel-based resolution with 10-bit RGB
outputs
– Programmable Resolution up to 1920x1024,
all standard displays are supported: teletext
1.5 (480x520) and 2.5 (672x520), double-
page teletext (960x520) with picture& text,
teleWeb (640x480)
– 4 graphic planes with full alpha-blending
capabilities: 24-bit background plane, 10-bit
RGB video plane, bitmap OSD plane with
color map, up to 128 x 128 pixel cursor plane
– 2D graphics accelerator
■ Embedded 32-bit ST20 CPU core
■ Peripherals and I/Os for TV Chassis Control
– 30 fully-programmable I/Os (5V tolerant)
– 4 external interrupts
– 8-bit programmable PWM with 4 inputs/
outputs
– Infrared digital preprocessor
– Real time clock and watchdog timer
– 4 16-bit standard timers
– 10-bit ADC with 6 inputs and wake-up
capability
– 2 Master/slave I²C bus interfaces
– UART and support for IrDA interfaces
■ Teletext 1.5 and 2.5, Closed-Caption, VPS and
WSS VBI data decoding, TeleWeb compliant
■ Embedded emulation resources with in-situ
flash programming capabilities
■ 1.8V and 3.3V power supplies
■ Eco standby mode
■ 27-MHz crystal oscillator


Similar Part No. - STV3500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV3550 STMICROELECTRONICS-STV3550 Datasheet
2Mb / 144P
LCD and Matrix Display TV Processor
23-Jun-2003
More results

Similar Description - STV3500

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
logo
Maxim Integrated Produc...
MAX4358 MAXIM-MAX4358 Datasheet
1,004Kb / 43P
32 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
logo
fujitsu semiconductor
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
Maxim Integrated Produc...
MAX7456 MAXIM-MAX7456 Datasheet
584Kb / 43P
Single-Channel Monochrome On-Screen Display with Integrated EEPROM
Rev 0; 8/07
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
32-bit RXv2 CPU core
logo
NXP Semiconductors
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com