Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV3500 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV3500
Description  Integrated Up-Convertor with 32-bit CPU Core with Video Enhancers and Bitmap On-Screen Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3500 Datasheet(HTML) 2 Page - STMicroelectronics

  STV3500 Datasheet HTML 1Page - STMicroelectronics STV3500 Datasheet HTML 2Page - STMicroelectronics STV3500 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STV3500
2/3
DESCRIPTION
This integrated circuit (IC) is dedicated to low-cost
100-Hz TV chassis. Combined with a digital multi-
standard video decoder (STV2310) delivering an
ITU-R BT.601/656 video stream and a 2H video
scan IC, it provides a cost-effective, high-perfor-
mance solution for 2H applications. The STV3500
includes a field or line up-converter, a 32-bit ST20
CPU core with all peripherals required for control-
ling the TV chassis. Teletext data is extracted from
the incoming stream and decoded by the CPU. An
embedded On-Screen Display (OSD) generator
delivers the text and graphics. The Video Display
Pipeline performs feature box image processing
such as picture improvement, horizontal and verti-
cal rescaling and Temporal Noise Reduction.
The chip operates with a single external SDRAM
that is used for the field-rate up-conversion and
text
and
graphic
generations.The
external
SDRAM can be configured as a single bank of 16/
64/128 Mb (16-bit configuration) or a dual bank of
16 to 256 Mb (32-bit configuration). Application
program codes are stored in an external Flash
memory and executed from the SDRAM.
The STV3500 is designed using an 0.18 micron
CMOS process and delivered in a 160-pin PQFP
(0.65 mm pitch) package.
The ST3500 completes the Digital IC Core family
(STi5xxx, STi7xxx) which offers common CPU and
software platforms based on STMicroelectronics’
32-bit ST20 CPU core.
Table 1. Order Codes
Figure 1. Top Level Diagram
Part Number
Description
STV3500
Device in low-cost 0.65 mm pitch
PQFP 160 package
Build-Up
YSI
Video
ST20 Core
H100
PR_R
Y_G
PB_B
SDRAM
SDIN
TNR
HV Filter
8
YCRCB[7:0]
CLK_DATA
CTI
HSYNC
VSYNC
16/32
TV Peripherals
30
I/Os
Flash
Counter
NRESET
Triple
Clock
Generator
2D
Block Move
OSD
Pipeline
Pipeline
Block
Time Base
Generator
TV Chassis Control
CSA
Picture
Comp.
Cursor
BG
Plane
EMI4
Compositor
DAC
V100
27 MHz
Crystal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com