Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301Z Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 301Z
Description  300W Zener Type Power Surge Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

301Z Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  301Z Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 301Z Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 301Z

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
301Z100 NAINA-301Z100 Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
301Z100A NAINA-301Z100A Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
301Z100B NAINA-301Z100B Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
301Z125 NAINA-301Z125 Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
301Z125A NAINA-301Z125A Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
More results

Similar Description - 301Z

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5Z27 TOSHIBA-5Z27 Datasheet
122Kb / 2P
SILICON DIFFUSED JUNCTION (POWER SURGE SUPPRESSOR)
logo
Intersil Corporation
HRP2540 INTERSIL-HRP2540 Datasheet
35Kb / 3P
Power Rectifier/Power Surge Suppressor
1995 04
logo
Protek Devices
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
THYRISTOR SURGE SUPPRESSOR
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
300W Transient Voltage Suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
logo
Naina Semiconductor ltd...
300Z NAINA-300Z Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
300Z50 NAINA-300Z50_17 Datasheet
157Kb / 2P
300W Zener Type
logo
Guangdong Juxing Electr...
SMC05 JUXING-SMC05 Datasheet
932Kb / 3P
Surface Mount Transient Voltage Suppressor Power 300W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com