Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRP2540 Datasheet (PDF) - Intersil Corporation

HRP2540 Datasheet PDF - Intersil Corporation
Part # HRP2540
Download  HRP2540 Download
File Size   35.41 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Rectifier/Power Surge Suppressor

HRP2540 Datasheet (PDF)

Go To PDF Page Download Datasheet
HRP2540 Datasheet PDF - Intersil Corporation

Part # HRP2540
Download  HRP2540 Click to download

File Size   35.41 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Rectifier/Power Surge Suppressor

HRP2540 Datasheet (HTML) - Intersil Corporation


HRP2540 Product details

The HRP2540 (TA9673) is a high forward current, high reverse energy controlled avalanche power rectifier. It uses an ion-implanted planar epitaxial construction. This device was designed for use as the output rectifier in the three phase six diode bridge assembly of an automotive alternator system. It provides “Load Dump” suppression by virtue of its precisely controlled reverse avalanche breakdown voltage. When used singly it can also serve as a transient suppressor for an automotive accessory. This device can provide forward voltage clamping and reverse voltage bypassing. This will protect the accessory from L-C inductive spikes and/or field decay transients.

Features
• Low Forward Voltage Drop (1.1V Max at 100A)
• High Reverse Energy Capability
• Controlled Maximum Avalanche Voltage (40V Max at 40A)

Applications
• Alternator Rectification
• Accessory Load Dump Protector
• High Current Forward Voltage Clamp




Similar Part No. - HRP2540

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRP22 HITACHI-HRP22 Datasheet
30Kb / 6P
Silicon Schottky Barrier Diode for Rectifying
More results


Similar Description - HRP2540

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5Z27 TOSHIBA-5Z27 Datasheet
122Kb / 2P
SILICON DIFFUSED JUNCTION (POWER SURGE SUPPRESSOR)
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
120V AC POWER LINE SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
logo
Naina Semiconductor ltd...
300Z NAINA-300Z Datasheet
157Kb / 2P
300W Zener Type Power Surge Suppressor
logo
New Jersey Semi-Conduct...
300Z NJSEMI-300Z Datasheet
146Kb / 2P
300W Zener Type Power Surge Suppressor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com