Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH350
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH350 Datasheet HTML 9Page - STMicroelectronics TSH350 Datasheet HTML 10Page - STMicroelectronics TSH350 Datasheet HTML 11Page - STMicroelectronics TSH350 Datasheet HTML 12Page - STMicroelectronics TSH350 Datasheet HTML 13Page - STMicroelectronics TSH350 Datasheet HTML 14Page - STMicroelectronics TSH350 Datasheet HTML 15Page - STMicroelectronics TSH350 Datasheet HTML 16Page - STMicroelectronics TSH350 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Noise Measurements
TSH350
13/21
5 Noise Measurements
The noise model is shown in Figure 32, where:
l eN: input voltage noise of the amplifier
l iNn: negative input current noise of the amplifier
l iNp: positive input current noise of the amplifier
The thermal noise of a resistance R is:
where
∆F is the specified bandwidth.
On a 1Hz bandwidth the thermal noise is reduced to
where k is the Boltzmann's constant, equal to 1,374.10-23J/°K. T is the temperature (°K).
The output noise eNo is calculated using the Superposition Theorem. However eNo is not the simple sum
of all noise sources, but rather the square root of the sum of the square of each noise source, as shown
in Equation 1:
Equation 1
Equation 2
Figure 32: Noise model
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
4kTR
F
4kTR
eNo
V1
2
V2
2
V3
2
V4
2
V5
2
V6
2
++
+++
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R2
R1
--------
2
4kTR1
4kTR2
1
R2
R1
--------
+
2
4kTR3
×
++
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com