Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSH350
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSH350 Datasheet HTML 13Page - STMicroelectronics TSH350 Datasheet HTML 14Page - STMicroelectronics TSH350 Datasheet HTML 15Page - STMicroelectronics TSH350 Datasheet HTML 16Page - STMicroelectronics TSH350 Datasheet HTML 17Page - STMicroelectronics TSH350 Datasheet HTML 18Page - STMicroelectronics TSH350 Datasheet HTML 19Page - STMicroelectronics TSH350 Datasheet HTML 20Page - STMicroelectronics TSH350 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Active Filtering
TSH350
17/21
8 Active Filtering
From the resistors Rfb and RG we can directly calculate the gain of the filter in a classical non-inverting
amplification configuration:
We assume the following expression as the response of the system:
The cut-off frequency is not gain-dependent and so becomes:
The damping factor is calculated by the following expression:
The higher the gain, the more sensitive the damping factor is. When the gain is higher than 1, it is
preferable to use some very stable resistor and capacitor values. In the case of R1=R2=R:
Figure 35: Low-pass active filtering, Sallen-Key
+
_
RG
IN
Rfb
100
Ω
OUT
R1
R2
C2
C1
+
_
RG
IN
Rfb
100
Ω
OUT
R1
R2
C2
C1
A
V
g1
R
fb
R
g
----------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
-------------------
g
12
ζ
j
ω
ω
c
-------
j
ω
()
2
ω
c
2
--------------
++
---------------------------------------------
==
ω
c
1
R1R2C 1C2
--------------------------------------
=
ζ
1
2
---
ω
c
C
1
R
1
C
1
R
2
C
2
R
1
C
1
R
1
g
–
++
()
=
ζ
2C2 C1
R
fb
R
g
----------
–
2C
1
C
2
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com