Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350ID Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH350ID
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics TSH350ID Datasheet HTML 10Page - STMicroelectronics TSH350ID Datasheet HTML 11Page - STMicroelectronics TSH350ID Datasheet HTML 12Page - STMicroelectronics TSH350ID Datasheet HTML 13Page - STMicroelectronics TSH350ID Datasheet HTML 14Page - STMicroelectronics TSH350ID Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Power Supply Considerations
TSH350
11/21
4 Power Supply Considerations
Correct power supply bypassing is very important for optimizing performance in high-frequency ranges.
Bypass capacitors should be placed as close as possible to the IC pins to improve high-frequency
bypassing. A capacitor greater than 1
µF is necessary to minimize the distortion. For better quality
bypassing, a capacitor of 10nF can be added using the same implementation conditions. Bypass
capacitors must be incorporated for both the negative and the positive supply.
Note:
On the SO8_SINGLE_HF board, these capacitors are C6, C7, C8, C9.
Single power supply
In the event that a single supply system is used, new biasing is necessary to assume a positive output
dynamic range between 0V and +VCC supply rails. Considering the values of VOH and VOL, the amplifier
will provide an output dynamic from +0.9V to +4.1V on 100
Ω load.
The amplifier must be biased with a mid-supply (nominally +VCC/2), in order to maintain the DC
component of the signal at this value. Several options are possible to provide this bias supply, such as a
virtual ground using an operational amplifier or a two-resistance divider (which is the cheapest solution).
A high resistance value is required to limit the current consumption. On the other hand, the current must
be high enough to bias the non-inverting input of the amplifier. If we consider this bias current (35
µA
max.) as the 1% of the current through the resistance divider to keep a stable mid-supply, two resistances
of 750
Ω can be used.
The input provides a high pass filter with a break frequency below 10Hz which is necessary to remove the
original 0 volt DC component of the input signal, and to fix it at +VCC/2.
Figure 31 illustrates a 5V single power supply configuration for the SO8_S_MULTI evaluation board (see
Evaluation Boards on page 10).
Figure 30: Circuit for power supply bypassing
+
-VCC
+VCC
10microF
+
10nF
10microF
+
10nF
-
+
-VCC
+VCC
10microF
+
10nF
10microF
+
10nF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com