Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350ID Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSH350ID
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSH350ID Datasheet HTML 11Page - STMicroelectronics TSH350ID Datasheet HTML 12Page - STMicroelectronics TSH350ID Datasheet HTML 13Page - STMicroelectronics TSH350ID Datasheet HTML 14Page - STMicroelectronics TSH350ID Datasheet HTML 15Page - STMicroelectronics TSH350ID Datasheet HTML 16Page - STMicroelectronics TSH350ID Datasheet HTML 17Page - STMicroelectronics TSH350ID Datasheet HTML 18Page - STMicroelectronics TSH350ID Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Intermodulation Distortion Product
TSH350
15/21
6 Intermodulation Distortion Product
The non-ideal output of the amplifier can be described by the following series:
due to non-linearity in the input-output amplitude transfer, where the input is Vin=Asinωt, C0 is the DC
component, C1(Vin) is the fundamental and Cn is the amplitude of the harmonics of the output signal Vout.
A one-frequency (one-tone) input signal contributes to harmonic distortion. A two-tone input signal
contributes to harmonic distortion and to the intermodulation product.
The study of the intermodulation and distortion for a two-tone input signal is the first step in characterizing
the driving capability of multi-tone input signals.
In this case:
then:
From this expression, we can extract the distortion terms, and the intermodulation terms form a single
sine wave: second order intermodulation terms IM2 by the frequencies (
ω12) and (ω12) with an
amplitude of C2A2 and third order intermodulation terms IM3 by the frequencies (2
ω12), (2ω12), (−
ω1+2ω2) and (ω1+2ω2) with an amplitude of (3/4)C3A3.
The measurement of the intermodulation product of the driver is achieved by using the driver as a mixer
by a summing amplifier configuration (see Figure 33). In this way, the non-linearity problem of an external
mixing device is avoided.
Figure 33: Inverting summing amplifier (using evaluation board SO8_S_MULTI)
Vout
C
0
C
1
V
in
C
2
V
2
in
…C
n
V
n
in
++
+
=
V
in
A
ω
1
t
sin
A
ω
2
t
sin
+
=
V
out
C
0
C
1
A
ω
1
t
sin
A
ω
2
t
sin
+
() C
2
A
ω
1
t
sin
A
ω
2
t
sin
+
()
2C
n
A
ω
1
t
sin
A
ω
2
t
sin
+
()
n
++
+
=
+
_
R
Rfb
100
Vout
R2
Vin2
Vin1
R1
+
_
R
Rfb
100
Vout
R2
Vin2
Vin1
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com