Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC243DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC243DB
Description  Quad bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC243DB Datasheet HTML 1Page - NXP Semiconductors 74HC243DB Datasheet HTML 2Page - NXP Semiconductors 74HC243DB Datasheet HTML 3Page - NXP Semiconductors 74HC243DB Datasheet HTML 4Page - NXP Semiconductors 74HC243DB Datasheet HTML 5Page - NXP Semiconductors 74HC243DB Datasheet HTML 6Page - NXP Semiconductors 74HC243DB Datasheet HTML 7Page - NXP Semiconductors 74HC243DB Datasheet HTML 8Page - NXP Semiconductors 74HC243DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC243 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC243 is specified in compliance with JEDEC
standard no. 7A.
The 74HC243 is a quad bus transceiver featuring non-inverting 3-state bus compatible
outputs in both send and receive directions. The 74HC243 is designed for 4-line
asynchronous 2-way data communications between data buses.
The output enable inputs (OEA and OEB) can be used to isolate the buses.
The 74HC243 is similar to the 74HC242 but has non-inverting (true) outputs.
2.
Features
s Non-inverting 3-state outputs
s 2-way asynchronous data bus communication
s Low-power dissipation
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Multiple package options
s Specified from
−40 °Cto+80 °C and from −40 °C to +125 °C.
74HC243
Quad bus transceiver; 3-state
Rev. 03 — 12 November 2004
Product data sheet


Similar Part No. - 74HC243DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
Quad bus transceiver; 3-state
December 1990
More results

Similar Description - 74HC243DB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
QUAD THREE-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
Quad bus transceiver; 3-state; inverting
December 1990
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
Quad bus transceiver; 3-state
December 1990
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
QUAD BUS BUFFERS (3-STATE)
Jun-1999
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
Quad Bus Transceiver with 3-STATE Outputs
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
3-State Quad Bus Transceiver
logo
STMicroelectronics
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
171Kb / 11P
QUAD BUS TRANSCEIVER (3 - STATE)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com