Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1302G Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # NJW1302G
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NJW1302G Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  NJW1302G Datasheet HTML 1Page - Inchange Semiconductor Company Limited NJW1302G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistors
NJW1302G
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=- 100mA; IB= 0
-250
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -8A; IB=- 0.8A
-0.6
V
VBE(on)
Base-Emitter On Voltage
IC= -8A;VCE= -5V
-1.5
V
ICBO
Collector Cutoff Current
VCB=- 250V
-50
mA
ICEO
Collector Cutoff Current
VCE=- 250V
-50
mA
IEBO
Emitter Cutoff Current
VEB=- 5V
-5
mA
hFE-1
DC Current Gain
IC= -0.1A; VCE=-5V
75
150
hFE-2
DC Current Gain
IC= -1A; VCE= -5V
75
150
hFE-3
DC Current Gain
IC= -3A; VCE= -5V
75
150
hFE-4
DC Current Gain
IC=- 5A; VCE= -5V
60
hFE-5
DC Current Gain
IC=- 8A; VCE= -5V
45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com