Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1302G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # NJW1302G
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NJW1302G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  NJW1302G Datasheet HTML 1Page - Inchange Semiconductor Company Limited NJW1302G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistors
NJW1302G
DESCRIPTION
·
With TO-3PN packaging
·
Reliable performance at higher powers
·
Accurate reproduction of Input signal
·
Greater dynamic range
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching regulators
·
High frequency inverters
·
General purpose power amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-250
V
VCEO
Collector-Emitter Voltage
-250
V
VCEX
Collector-Emitter Voltage
VEB= 5V
-250
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-15
A
ICM
Collector Current-Peak
-30
A
IB
Base Current-Continuous
-1.6
A
PT
Total Power Dissipation
@ TC=25℃
200
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.63
℃
/W


Similar Part No. - NJW1302G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW1302G ONSEMI-NJW1302G Datasheet
89Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
NJW1302G ONSEMI-NJW1302G Datasheet
117Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Thinki Semiconductor Co...
NJW1302G THINKISEMI-NJW1302G Datasheet
4Mb / 6P
200Watt/-15A/-250V Silicon Planar PNP Type Power Transistor
Rev.13T
More results

Similar Description - NJW1302G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com