Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3060L-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L3060L-AF5-R
Description  HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3060L-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L3060L-AF5-R Datasheet HTML 1Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 2Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 3Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 4Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L3060
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R125-037.C
MARKING
PIN CONFIGURATION
3
2
1
4
5
DIM
GND
SW
VIN
CS
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SW
Switch output.
2
GND
Signal and power ground.
3
DIM
Enable switch, analog and PWM dimming input.
4
CS
Current sense input, sampling resistor connected between CS and VIN
5
VIN
Input supply pin. Must be locally bypassed.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com