Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3060L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L3060L-AF5-R
Description  HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3060L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L3060L-AF5-R Datasheet HTML 1Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 2Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 3Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 4Page - Unisonic Technologies L3060L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L3060
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R125-037.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3~40
V
Drain Voltage of the Internal Power Switch
SW
-0.3~40
V
Current Sense Input (Respect to VIN)
CS
+0.3~(-6.0)
V
Logic Level Dimming Input
DIM
-0.3~6
V
Switch Output Current
ISW
0.6
A
Power Dissipation
PD
0.2
W
ESD Susceptibility (Note 2)
ESD
2
KV
Operation Junction Temperature Range
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Human body model, 100pF capacitor discharged through a 1.5kΩ resistor.
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Supply Voltage
VIN
0~30
V
Operating Temperature
TOPR
-40~+85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
300
℃/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com