Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3080G-AB5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L3080G-AB5-R
Description  INTEGRATED POWER LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3080G-AB5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L3080G-AB5-R Datasheet HTML 1Page - Unisonic Technologies L3080G-AB5-R Datasheet HTML 2Page - Unisonic Technologies L3080G-AB5-R Datasheet HTML 3Page - Unisonic Technologies L3080G-AB5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L3080
Preliminary
CMOS IC
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CS
Current sense input
2
GND
Signal and power ground
3
DIM
Enable switch, analog and PWM dimming input.
4
SW
Switch output.
5
VIN
Input supply pin.
BLOCK DIAGRAM
5
VIN
1
CS
3
DIM
2
GND
4 SW
+
-
Current
comparator
RFE
Current
setting
Driver
Vgate
M1
+
-
Vsense
UVLO
5V
Protect
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R125-043.a



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com