Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3080G-AB5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L3080G-AB5-R
Description  INTEGRATED POWER LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3080G-AB5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L3080G-AB5-R Datasheet HTML 1Page - Unisonic Technologies L3080G-AB5-R Datasheet HTML 2Page - Unisonic Technologies L3080G-AB5-R Datasheet HTML 3Page - Unisonic Technologies L3080G-AB5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L3080
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R125-043.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless specified otherwise)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
40
V
Drain Voltage of the Internal Power Switch
SW
40
V
Current Sense Input (Respect to VIN)
CS
-6.0
V
Logic Level Dimming Input
DIM
-0.3 ~ 6
V
Switch Output Current
ISW
1
A
Power Dissipation
PD
0.8
W
Operation Junction Temperature Range
TJ
-40 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Human body model, 100pF capacitor discharged through a 1.5kΩ resistor.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS (Note 1, 2)
(The following specifications apply for VIN=12V, TA=25°C, unless specified otherwise.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN
5
30
V
Under Voltage Lock Out
VUVLO
VIN Falling
4.7
V
UVLO Hysteresis
VUVLO, HYS VIN Rising
100
mV
CURRENT SENSE
Mean Current Sense Threshold Voltage
VCS
VIN-VCS
100
mV
Sense Threshold Hysteresis
VCS_HYS
±15
%
OPERATING FREQUENCY
Maximum Operation Frequency
FSW
1
MHz
OPERATING CURRENT
Quiescent Supply Current with Output Off
IOFF
VDIM<0.3V
60
μA
DIM INPUT
Internal Supply Voltage
VDIM
DIM Floating
5
V
DIM Input Voltage High
VDIM_H
2.5
V
DIM Input Voltage Low
VDIM_L
0.1
V
DIM Pull Up Resistor to Internal Supply Voltage
RDIM
150
KΩ
DIM BRIGHTNESS DIMMER
DC Brightness Control Range
VDIM_DC
0.5
2.5
V
Duty Cycle Range of Low Frequency Dimming
DPWM_LF
3000:1
Duty Cycle Range of High Frequency Dimming
DPWM_HF
10:1
OUTPUT POWER SWITCH
SW On Resistance
RSW
0.6
Ω
Continuous SW Current
ISWmean
0.8
A
SW Leakage Current
ILEAK
0.5
5
µA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSD
150
°C
Thermal Shutdown hysteresis
TSD-hys
20
°C
Notes: 1. Typical parameters are measured at 25˚C and represent the parametric norm.
2. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com