Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4120G-AB5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L4120G-AB5-R
Description  40V/1.2A INTEGRATED POWER LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4120G-AB5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L4120G-AB5-R Datasheet HTML 1Page - Unisonic Technologies L4120G-AB5-R Datasheet HTML 2Page - Unisonic Technologies L4120G-AB5-R Datasheet HTML 3Page - Unisonic Technologies L4120G-AB5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L4120
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R125-031.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3~+40
V
VIN≥5V
VIN+0.3~VIN-5
V
ISENSE Voltage
VIN<5V
VISENSE
VIN+0.3~ -0.3
V
LX Output Voltage
VLX
-0.3~+40
V
Adjust Pin Input Voltage
VADJ
-0.3~+6
V
Switch Output Current
ILX
1.5
A
Power Dissipation
PD
0.5
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOP
-40~105
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
180
°C/W
ELECTRICAL CHARACTERISTICS (VIN=12V, TAMB=25°C unless otherwise stated) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6
40
V
Quiescent Supply Current with Output Off
IINQoff
ADJ Pin Grounded
400
μA
Quiescent Supply Current with Output
Switching
IINQon
ADJ Pin Floating
1000
μA
Mean Current Sense Threshold Voltage
VSENSE
115
mV
Sense Threshold Hysteresis
VSENSEHYS
±15
%
External Control Voltage Range On ADJ Pin
for DC Brightness Control
VADJ
0.3
1.2
V
DC Voltage On ADJ Pin to Switch Chip from
Active (On) State to Quiescent (Off) State
VADJoff
VADJ Falling
0.15
0.2
0.25
V
DC Voltage On ADJ Pin to Switch Chip from
Quiescent (Off) State to Active (On) State
VADJon
VADJ Rising
0.2
0.25
0.3
V
Resistance Between ADJ Pin and VREF
RADJ
500
KΩ
Continuous LX Switch Current
ILXmean
1.2
A
LX Switch “On” Resistance
RLX
0.4
LX Switch Leakage Current
ILX(leak)
1
μA
Minimum Switch “ON” Time
TONmin LX Switch “ON”
200
ns
Minimum Switch “OFF” Time
TOFFmin LX Switch “OFF”
200
ns
Typical Dimming Ratio
Ddim
F=100Hz, VIN=15V, 1LED,
L=27μH
1200:1
Recommended Maximum Operating
Frequency
fLXmax
1
MHz
Recommended Duty Cycle Range of Output
Switch at fLXmax
DLX
0.3
0.7
0.9
Internal Comparator Propagation Delay
TPD
50
ns
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
TSD-HYS
20
°C
Note: Production testing of the chip is performed at 25°C. Functional operation of the chip and parameters specified
are guaranteed by design, characterization and process control in other temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com