Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4120G-AB5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L4120G-AB5-R
Description  40V/1.2A INTEGRATED POWER LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4120G-AB5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L4120G-AB5-R Datasheet HTML 1Page - Unisonic Technologies L4120G-AB5-R Datasheet HTML 2Page - Unisonic Technologies L4120G-AB5-R Datasheet HTML 3Page - Unisonic Technologies L4120G-AB5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L4120
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R125-031.C
40V/1.2A INTEGRATED
POWER LED DRIVER
DESCRIPTION
The UTC L4120 is a continuous conduction mode inductive
step-down converter, designed for driving single or multiple series
connected LEDs. Using a few external components.
The UTC L4120 has a build-in power switch, based on different
input voltage, The UTC L4120 can drive several 1W or 3W LEDs.
The device has the function of thermal shutdown protection and
LED short-circuit/open-circuit protection.
FEATURES
* Up to 1.2A output current
* High efficiency (up to 97%)
* Wide input voltage range: 5V~30V
* Typical ±5% output current accuracy
* Single DIM pin on/off and brightness control using DC voltage or
PWM signal
* Internal thermal shutdown protection.
* Adjustable Constant LED Current
1
SOT-89-5
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L4120L-AB5-R
L4120G-AB5-R
SOT-89-5
Tape Reel
(1) R: Tape Reel
(2) AB5: SOT-89-5
(3) G: Halogen Free and Lead Free
, L: Lead Free
L4120G-AB5-R
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING


Similar Part No. - L4120G-AB5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
LED open-circuit protection
More results

Similar Description - L4120G-AB5-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6910 PTC-PT6910 Datasheet
166Kb / 4P
1.2A LED Driver with Integrated Switch
logo
Integrated Silicon Solu...
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
logo
Unisonic Technologies
L4120 UTC-L4120 Datasheet
159Kb / 4P
40V/1.2A INTEGRATED POWER LED DRIVER
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Alpha & Omega Semicondu...
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com