Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULF0291G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULF0291G-SH2-R
Description  6 SEGMENTS LINEAR LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULF0291G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULF0291G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULF0291G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULF0291G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULF0291G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULF0291
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R125-059.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VAC, D1, D2, D3, D4, D5, D6
VMAX
500
V
VREF
VMAX
-0.3 ~ 10
V
Power Dissipation
PD
1.25
W
Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VAC
For 220V application
220
260
V
Static Current
ICC
VAC=40V, VREF=6V
0.1
0.2
mA
Driving Current
ID1
VREF=6V
18
mA
Driving Current
ID2-ID6
VREF=6V
36
mA
Leakage Current
Ileak
For High Voltage MOS
0.1
uA
Over Voltage Protection
VOVP
Voltage in D6
100
120
140
V
Response Time
TOVP
VREF=6V
0.1
uS
Temp Coeff. Of Current
TC
-0.3
%/°C
Current at Switching Point
ISW
10
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com