Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULF0291G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULF0291G-SH2-R
Description  6 SEGMENTS LINEAR LED DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULF0291G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULF0291G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULF0291G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULF0291G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULF0291G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULF0291
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-059.a
6 SEGMENTS LINEAR LED
DRIVER
DESCRIPTION
The UTC ULF0291 is a 6-segments linear LED driver with little
flash.
The UTC ULF0291 is suitable for LED lighting.
FEATURES
6-segments
Little flash
Low static current consumption
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
ULF0291G-SH2-R
HSOP-8
Tape Reel
MARKING


Similar Part No. - ULF0291G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
ULF FARADAY-ULF Datasheet
51Kb / 3P
CCIR REC.601 FILTERS
More results

Similar Description - ULF0291G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
KODENSHI_AUK CORP.
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
Linear LED Driver IC
logo
SHANGHAI BELLING CO., L...
BL8585 BELLING-BL8585 Datasheet
168Kb / 6P
WIDE RANGE, LINEAR LED DRIVER
logo
Supertex, Inc
CL8800K63-G SUTEX-CL8800K63-G Datasheet
745Kb / 7P
Sequential Linear LED Driver
logo
SHANGHAI BELLING CO., L...
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
6-Channels WLED Linear Driver
logo
Microchip Technology
CL8800 MICROCHIP-CL8800 Datasheet
890Kb / 14P
Sequential Linear LED Driver
03/25/14
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
Linear LED Driver
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
Linear LED Driver IC
logo
Mean Well Enterprises C...
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
50W linear LED Driver
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
80W Linear LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com