Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS17005SL-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCS17005SL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS17005SL-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UCS17005SL-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 8Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 9Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UCS17005S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R103-142.B
FUNCTIONAL DESCRIPTION (Cont.)
Fig.6 OLP case
Fig.7 OVP case
OTP
OTP will shut down driver when junction temperature TJ>T(THR) for continual a blanking time.
(7) Driver Output Section
The driver-stage drives the gate of the MOSFET and is optimized to minimize EMI and to provide high circuit
efficiency. This is done by reducing the switch on slope when reaching the MOSFET threshold. This is achieved by a
slope control of the rising edge at the driver’s output. The output driver is clamped by an internal 16V Zener diode in
order to protect power MOSFET transistors against undesirable gate over voltage.
the In addition to the gate drive control scheme mentioned, the gate drive strength can also be adjusted
externally by a resistor connected between VDD and VDDG, the falling edge of the Drain output can be well controlled.
It provides great flexibility for system EMI design.
(8) Inside power switch MOS transistor
Specific power MOS transistor parameter is as “POWER MOS TRANSISTOR SECTION” in electrical
characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com