Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS17005SL-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UCS17005SL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS17005SL-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UCS17005SL-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 8Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 9Page - Unisonic Technologies UCS17005SL-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UCS17005S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R103-142.B
TYPICAL CHARACTERISTICS
60.0
Temperature (°C)
40.0
20.0
0.0
Switch Frequency (FSW) vs.
Temperature
-40-25 -10 5 20 35 50 65 80 95110 125
80.0
100.0
70.0
90.0
50.0
30.0
10.0
VSENSE-L vs. Temperature
0.6
0.4
0.2
0.0
-40-25 -10 5 20 35 50 65 80 95110 125
0.8
1.0
0.7
0.9
0.5
0.3
0.1
25
20
15
10
5
0
-40-25 -10 5 20 35 50 65 80 95110 125
Start-up Threshold Voltage (VTHD(ON))
vs. Temperature
-40 -25 -10 5 20 35 50 65 80 95 110125
Min. Operating Voltage (VDD (min)) vs.
Temperature
25
20
15
10
5
0
30
25
0
5
20
15
10
Start-up Crrent (ISTR) vs. Temperature
-40-25 -10 5 20 35 50 65 80 95110 125
0
10
20
40
30
50
60
70
80
90
100
Max. Duty Cycle (DMAX) vs.
Temperature
-40-25 -10 5 20 35 50 65 80 95110 125
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com