Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS17005SG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCS17005SG-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS17005SG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCS17005SG-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 8Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UCS17005S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R103-142.B
MARKING
PACKAGE
MARKING
DIP-7A
DIP-8
SOP-8
PIN CONFIGURATION
DIP-7A
DIP-8 / SOP-8
1
GND
VCC-G
DRAIN
VCC
DRAIN
FB
2
3
4
5
6
7
8
CS
GND
1
GND
VCC-G
DRAIN
VCC
DRAIN
FB
2
3
4
5
6
7
CS
PIN DESCRIPTION
PIN NO.
DIP-7A
DIP-8 / SOP-8
PIN NAME
DESCRIPTION
1
1
VCC-G
Supply voltage
2
2
VCC
Supply voltage
3
3
FB
Feedback
4
4
CS
Current sense input
5
5
DRAIN
Power MOSFET drain
6
6
DRAIN
Power MOSFET drain
-
7
GND
Ground
7
8
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com