Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS17005SG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCS17005SG-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS17005SG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCS17005SG-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 8Page - Unisonic Technologies UCS17005SG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCS17005S
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-142.B
HIGH PERFORMANCE
CURRENT MODE POWER
SWITCH
DESCRIPTION
The UTC UCS17005S is an integrated PWM controller and
Power MOSFET specifically designed for switching operation
with minimal external components. The UTC UCS17005S is
designed to provide several special enhancements to satisfy the
needs, for example, Power-Saving mode for low standby power,
Frequency Hopping , Constant Output Power Limiting , Slope
Compensation ,Over Current Protection (OCP), Over Voltage
Protection (OVP), Over Load Protection (OLP), Under Voltage
Lock Out (UVLO), Over Temperature Protection (OTP), etc. IC
will be shutdown or can auto-restart in situations.
FEATURE
* Internal Power MOSFET (700V)
* Programming Gate Driver Capability
* Frequency hopping for Improved EMI Performance.
* Lower than 30mW Standby Power Design
* Linearly decreasing frequency to 20~35KHz during light load
* Internal Soft start
* Internal Slope Compensation
* Constant Power Limiting for universal AC input Range
* Gate Output Maximum Voltage Clamp(16V)
* Over temperature protection
* Over load protection
* Over voltage protection
* Leading edge blanking
* Cycle-by-Cycle current limiting
* Under Voltage Lock Out
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UCS17005SL-D07A-T
UCS17005SG-D07A-T
DIP-7A
Tube
UCS17005SL-D08-T
UCS17005SG-D08-T
DIP-8
Tube
UCS17005SL-S08-R
UCS17005SG-S08-R
SOP-8
Tape Reel


Similar Part No. - UCS17005SG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS17002S UTC-UCS17002S Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17002SG-D07A-T UTC-UCS17002SG-D07A-T Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17002SG-D08-T UTC-UCS17002SG-D08-T Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17002SG-S08-R UTC-UCS17002SG-S08-R Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17002SL-D07A-T UTC-UCS17002SL-D07A-T Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UCS17005SG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703_15 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652_15 Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com