Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-2MTS-18 Datasheet(PDF) 2 Page - Mini-Circuits

Part # RC-2MTS-18
Description  RF Transfer Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-18 Datasheet(HTML) 2 Page - Mini-Circuits

  RC-2MTS-18 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 7Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RC-2MTS-18
RF Transfer Switch Matrix
Parameter
Conditions
Min.
Typ.
Max.
Units
Frequency Range
DC
18
GHz
Insertion Loss
DC - 1 GHz
—
0.10
0.15
dB
1 - 8 GHz
—
0.10
0.25
8 - 12 GHz
—
0.20
0.36
12 - 18 GHz
—
0.25
0.45
Isolation
DC - 1 GHz
85
100
—
dB
1 - 8 GHz
75
90
—
8 - 12 GHz
70
86
—
12 - 18 GHz
60
76
—
VSWR
DC - 1 GHz
—
1.05
1.10
:1
1 - 8 GHz
—
1.15
1.20
8 - 12 GHz
—
1.15
1.30
12 - 18 GHz
—
1.15
1.30
Switching Time
—
—
25
—
ms
RF Input Power1
Cold switching
—
—
10
W
Switch Lifetime (per Switch)
<0.1W hot switching2
10
—
—
million cycles
0.1 - 1W hot switching
—
3
—
Rated Voltage
24VDC input
23
24
25
V
USB port
—
5
—
Rated Current (24V DC Input)
Both switches in state 2
—
440
610
mA
Both switches in state 1
—
90
120
Rated Current (USB)
—
10
20
mA
Electrical Specifications at 25°C
1 Maximum power for cold switching is 10W per path, 20W total, with all port terminated into 50Ω
2 Hot switching power above this level will degrade the switch lifetime.
Connections
Port Name
Connector Type
RF Switch A (J1, J2, J3 & J4)
SMA female
RF Switch B (J1, J2, J3 & J4)
SMA female
USB
USB type-B
Ethernet / LAN
RJ45
24V DC Input
2.1mm center positive DC socket
Absolute Maximum Ratings
Total RF Power
20W1
Operating Temperature
0°C to 40°C
Storage Temperature
-15°C to 85°C
Supply Voltage
26V
Switching States (per Switch)
DE-ENERGIZED DC=0V
J1
J2
J3
J4
ENERGIZED DC=12V
J1
J2
J3
J4
State 1
State 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com