Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-2MTS-18 Datasheet(PDF) 4 Page - Mini-Circuits

Part # RC-2MTS-18
Description  RF Transfer Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-18 Datasheet(HTML) 4 Page - Mini-Circuits

  RC-2MTS-18 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 7Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RC-2MTS-18
RF Transfer Switch Matrix
Outline Drawing (SH2618)
A
B
C
D
E
F
G
H
J
K
L
M
wt
6.00
5.50
2.25
0.53
0.53
1.21
3.05
0.86
0.28
3.50 0.375
6.72 grams
152.4 139.7
57.2
13.5
13.5
30.7 77.50
21.8
7.10 88.90
9.53 170.69
920
Outline Dimensions (
)
inch
mm
2x LED INDICATOR
8x SMA FEMALE CONNECTOR
RC-2MTS-18
DC - 18 GHz
A
2
4
3
1
B
2
4
3
1
L
M
K
C
D TYP
G
F
J
H TYP
E TYP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com