Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACP-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8139ACP-R2
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACP-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8139ACP-R2 Datasheet HTML 11Page - Analog Devices AD8139ACP-R2 Datasheet HTML 12Page - Analog Devices AD8139ACP-R2 Datasheet HTML 13Page - Analog Devices AD8139ACP-R2 Datasheet HTML 14Page - Analog Devices AD8139ACP-R2 Datasheet HTML 15Page - Analog Devices AD8139ACP-R2 Datasheet HTML 16Page - Analog Devices AD8139ACP-R2 Datasheet HTML 17Page - Analog Devices AD8139ACP-R2 Datasheet HTML 18Page - Analog Devices AD8139ACP-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8139
Rev. A | Page 15 of 24
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
500
FREQUENCY (MHz)
RL, dm = 1kΩ
PSRR =
∆V
O, dm/∆VS
–PSRR
+PSRR
Figure 43. PSRR vs. Frequency
100
0.01
0.1
1
10
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = +5V
VS = ±5V
Figure 44. Single-Ended Output Impedance vs. Frequency
700
–700
–600
–500
–400
–300
–200
–100
0
100
200
300
400
500
600
100
1k
10k
RESISTIVE LOAD (
Ω)
VS+ – VOP
VON – VS–
VS = +5V
VS = ±5V
Figure 45. Output Saturation Voltage vs. Output Load
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
TIME (ns)
50ns/DIV
VO, dm
2
× V
IN, dm
G = 2
Figure 46. Overdrive Recovery
0
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
500
FREQUENCY (MHz)
VO, dm = 1V p-p
OUTPUT BALANCE =
∆V
O, cm/∆VO, dm
Figure 47. Output Balance vs. Frequency
50
100
150
200
250
–40
120
100
80
60
40
20
0
–20
300
–300
–50
–100
–150
–200
–250
TEMPERATURE (
°C)
VS = ±5V
G = 1 (RF = RG = 200Ω)
RL, dm = 1kΩ
VS+ – VOP
VON – VS–
Figure 48. Output Saturation Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com