Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACP-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8139ACP-R2
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACP-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8139ACP-R2 Datasheet HTML 16Page - Analog Devices AD8139ACP-R2 Datasheet HTML 17Page - Analog Devices AD8139ACP-R2 Datasheet HTML 18Page - Analog Devices AD8139ACP-R2 Datasheet HTML 19Page - Analog Devices AD8139ACP-R2 Datasheet HTML 20Page - Analog Devices AD8139ACP-R2 Datasheet HTML 21Page - Analog Devices AD8139ACP-R2 Datasheet HTML 22Page - Analog Devices AD8139ACP-R2 Datasheet HTML 23Page - Analog Devices AD8139ACP-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8139
Rev. A | Page 22 of 24
Driving a Capacitive Load
A purely capacitive load will react with the bondwire and pin
inductance of the AD8139, resulting in high frequency ringing
in the transient response and loss of phase margin. One way to
minimize this effect is to place a small resistor in series with
each output to buffer the load capacitance, see Figure 6 and
Figure 61. The resistor and load capacitance will form a first-
order low-pass filter; therefore, the resistor value should be as
small as possible. In some cases, the ADCs require small series
resistors to be added on their inputs.
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
10M
100M
1G
5
FREQUENCY (MHz)
RS = 30.1Ω
CL = 15pF
RS = 60.4Ω
CL = 15pF
RS = 60.4Ω
CL = 5pF
RS = 0Ω
CL, dm = 0pF
RS = 30.1Ω
CL = 5pF
VS = ±5V
VO, dm = 0.1V p-p
G = 1 (RF = RG = 200Ω)
RL, dm = 1kΩ
Figure 61. Frequency Response for
Various Capacitive Load and Series Resistance
The Typical Performance Characteristics that illustrate transient
response versus the capacitive load were generated using series
resistors in each output and a differential capacitive load.
Layout Considerations
Standard high speed PCB layout practices should be adhered to
when designing with the AD8139. A solid ground plane is recom-
mended and good wideband power supply decoupling networks
should be placed as close as possible to the supply pins.
To minimize stray capacitance at the summing nodes, the
copper in all layers under all traces and pads that connect to the
summing nodes should be removed. Small amounts of stray
summing-node capacitance will cause peaking in the frequency
response, and large amounts can cause instability. If some stray
summing-node capacitance is unavoidable, its effects can be
compensated for by placing small capacitors across the feedback
resistors.
Terminating a Single-Ended Input
Controlled impedance interconnections are used in most high
speed signal applications, and they require at least one line
termination. In analog applications, a matched resistive
termination is generally placed at the load end of the line. This
section deals with how to properly terminate a single-ended
input to the AD8139.
The input resistance presented by the AD8139 input circuitry is
seen in parallel with the termination resistor, and its loading
effect must be taken into account. The Thevenin equivalent
circuit of the driver, its source resistance, and the termination
resistance must all be included in the calculation as well. An
exact solution to the problem requires the solution of several
simultaneous algebraic equations and is beyond the scope of
this data sheet. An iterative solution is also possible and simpler,
especially considering the fact that standard 1% resistor values
are generally used.
Figure 62 shows the AD8139 in a unity-gain configuration
driving the AD6645, which is a 14-bit high speed ADC, and
with the following discussion, provides a good example of how
to provide a proper termination in a 50 Ω environment.
The termination resistor, RT, in parallel with the 268 Ω input
resistance of the AD8139 circuit (calculated using Equation 19),
yields an overall input resistance of 50 Ω that is seen by the
signal source. In order to have matched feedback loops, each
loop must have the same RG if they have the same RF. In the
input (upper) loop, RG is equal to the 200 Ω resistor in series
with the (+) input plus the parallel combination of RT and the
source resistance of 50 Ω. In the upper loop, RG is therefore
equal to 228 Ω. The closest standard 1% value to 228 Ω is 226 Ω
and is used for RG in the lower loop. Greater accuracy could be
achieved by using two resistors in series to obtain a resistance
closer to 228 Ω.
Things get more complicated when it comes to determining the
feedback resistor values. The amplitude of the signal source
generator VS is two times the amplitude of its output signal
when terminated in 50 Ω. Thus, a 2 V p-p terminated amplitude
is produced by a 4 V p-p amplitude from VS. The Thevenin
equivalent circuit of the signal source and RT must be used
when calculating the closed-loop gain because in the upper loop
RG is split between the 200 Ω resistor and the Thevenin resis-
tance looking back toward the source. The Thevenin voltage of
the signal source is greater than the signal source output voltage
when terminated in 50 Ω because RT must always be greater
than 50 Ω. In this case, it is 61.9 Ω and the Thevenin voltage
and resistance are 2.2 V p-p and 28 Ω, respectively. Now the
upper input branch can be viewed as a 2.2 V p-p source in series
with 228 Ω. Since this is a unity-gain application, a 2 V p-p
differential output is required, and RF must therefore be 228 ×
(2/2.2) = 206 Ω. The closest standard value to this is 205 Ω.
When generating the Typical Performance Characteristics data,
the measurements were calibrated to take the effects of the
terminations on closed-loop gain into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com