Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2902016 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2902016
Description  Resistance/potiposition transducer - MINI MCR-2-POT-UI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902016 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2902016 Datasheet HTML 1Page - PHOENIX CONTACT 2902016 Datasheet HTML 2Page - PHOENIX CONTACT 2902016 Datasheet HTML 3Page - PHOENIX CONTACT 2902016 Datasheet HTML 4Page - PHOENIX CONTACT 2902016 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2902016
10/16/2018   Page 1 / 5
Resistance/potiposition transducer - MINI MCR-2-POT-UI - 2902016
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Configurable potiposition transducer with plug-in connection technology for connecting potentiometers from
0 Ω ... 100 Ω to 0 kΩ ... 100 kΩ. Configurable via DIP switch or software. Screw connection technology,
standard configuration
Product Description
Configurable, 3-way isolated potentiometer measuring transducer with plug-in connection technology. The measured values are converted into a
linear and freely adjustable current or voltage signal. You can configure the device using one of the free software solutions. Default settings can
also be made directly on the device by simply using the DIP switches (see configuration table). If it is not possible to fully utilize the potentiometer
range, you can specify the upper and lower potentiometer values in the software. The measuring transducer supports fault monitoring and NFC
communication.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356649551
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
110.5 mm
Depth
120.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Input data
Potentiometer
100 Ω ... 100 kΩ


Similar Part No. - 2902016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902014 PHOENIX-2902014 Datasheet
96Kb / 5P
Repeater power supply - MINI MCR-2-RPSS-I-I
2902015 PHOENIX-2902015 Datasheet
95Kb / 5P
Repeater power supply - MINI MCR-2-RPSS-I-I-PT
2902017 PHOENIX-2902017 Datasheet
80Kb / 5P
Resistance/potiposition transducer - MINI MCR-2-POT-UI-PT
More results

Similar Description - 2902016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2864286 PHOENIX-2864286 Datasheet
99Kb / 6P
Resistance thermometer measuring transducer - MINI MCR-SL-PT100-UI-SP-NC
2902017 PHOENIX-2902017 Datasheet
80Kb / 5P
Resistance/potiposition transducer - MINI MCR-2-POT-UI-PT
2902026 PHOENIX-2902026 Datasheet
99Kb / 6P
Signal conditioner - MINI MCR-2-UNI-UI-UIRO
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2902052 PHOENIX-2902052 Datasheet
99Kb / 6P
Resistance thermometer measuring transducer - MINI MCR-2-RTD-UIPT
2902833 PHOENIX-2902833 Datasheet
82Kb / 7P
Frequency transducer - MINI MCR-SL-F-UI-SP-NC
2902851 PHOENIX-2902851 Datasheet
102Kb / 7P
Thermocouple measuring transducer - MINI MCR-TC-UI-NC
106732 PHOENIX-106732 Datasheet
410Kb / 17P
MINI MCR-2-UNI-UI-2UI(-PT)
105446 PHOENIX-105446 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2902832 PHOENIX-2902832 Datasheet
133Kb / 9P
Frequency transducer - MINI MCR-SL-F-UI-NC
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com