Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2902016 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2902016
Description  Resistance/potiposition transducer - MINI MCR-2-POT-UI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902016 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2902016 Datasheet HTML 1Page - PHOENIX CONTACT 2902016 Datasheet HTML 2Page - PHOENIX CONTACT 2902016 Datasheet HTML 3Page - PHOENIX CONTACT 2902016 Datasheet HTML 4Page - PHOENIX CONTACT 2902016 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2902016
10/16/2018   Page 2 / 5
Resistance/potiposition transducer - MINI MCR-2-POT-UI - 2902016
Technical data
Output data
Voltage output signal
1 V ... 5 V (via DIP switch)
10 V ... 0 V (via DIP switch)
0 V ... 5 V (via DIP switch)
0 V ... 10 V (via DIP switch)
0 V ... 10.5 V (can be set via software)
Current output signal
0 mA ... 20 mA (via DIP switch)
4 mA ... 20 mA (via DIP switch)
20 mA ... 0 mA (via DIP switch)
20 mA ... 4 mA (via DIP switch)
0 mA ... 21 mA (can be set via software)
Max. voltage output signal
approx. 12.3 V
Max. current output signal
24.6 mA
Load/output load voltage output
≥ 10 kΩ
Load/output load current output
≤ 600 Ω (at 20 mA)
Power supply
Supply voltage
24 V DC
9.6 V DC ... 30 V DC (The DIN rail bus connector (ME 6,2 TBUS-2
1,5/5-ST-3,81 GN, Order No. 2869728) can be used to bridge the
supply voltage. It can be snapped onto a 35 mm DIN rail according to
EN 60715))
Current consumption
33 mA (24 V DC)
68 mA (12 V DC)
Connection data
Single conductor/terminal point, solid, with ferrule, min.
0.2 mm²
Single conductor/terminal point, solid, with ferrule, max.
1.5 mm²
Single conductor/terminal point, solid, without ferrule, min.
0.2 mm²
Single conductor/terminal point, solid, without ferrule, max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
1.5 mm²
Min. AWG conductor cross section, flexible
24
Max. AWG conductor cross section, flexible
12
Stripping length
10 mm
Screw thread
M3
Connection method
Screw connection
General
Maximum transmission error
< 0.1 % (R < 240 Ω = < 0,2 %)
Maximum temperature coefficient
0.01 %/K
Temperature coefficient, typical
0.01 %/K
Step response (10-90%)
< 60 ms
Ambient temperature (operation)
-40 °C ... 70 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com