Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAS40BST3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAS40BST3G
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS40BST3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAS40BST3G Datasheet HTML 1Page - Leshan Radio Company LBAS40BST3G Datasheet HTML 2Page - Leshan Radio Company LBAS40BST3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. FEATURES
●
Low forward current
●
Guard ring protected
●
Low diode capacitance.
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
2. APPLICATIONS
●
Ultra high-speed switching
●
Voltage clamping
●
Protection circuits.
●
Blocking diodes.
3. DEVICE MARKING AND ORDERING INFORMATION
LBAS40BST5G
S-LBAS40BST5G
Schottky barrier diode
Device
Marking
Shipping
LBAS40BST5G
B1
5000/Tape&Reel
LBAS40BST3G
B1
8000/Tape&Reel
10000/Tape&Reel
LBAS40BST1G
B1
Leshan Radio Company, LTD.
Rev.C Jun. 2018
1/3
1
2
Cathode
Anode
SOD882
1
2
4. MAXIMUM RATINGS(Ta = 25ºC)
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
IF =1mA
IF =10mA
IF =40mA
VR=30V
VR=40V
VR=0V,f=1MHz
Capacitance
Cd
5
-
-
pF
-
-
-
-
400
560
1
0.2
mV
mV
V
µA
Unit
V
mA
mA
℃
Symbol
Min.
Typ.
Max.
Parameter
Continuous reverse voltage
Continuous forward current
Non-repetitive peak forward current
Operating ambient temperature
Symbol
Limits
VR
IF
IFSM
Repetitive Peak forward surge current
TSTG
Tj
Storage temperature
Junction temperature
IFSM
40
120
200
µA
mA
120
-65~+150
150
℃
℃
Reverse current
IR
-
-
10
Unit
Parameter
VF1
VF2
VF3
Tamb
-65~+150
Forward voltage
-
-
-
-
833
RθJA
/W
Typical thermal resistance (FR-4 mini PAD)
K
VR=1.8V
-
10
-
nA


Similar Part No. - LBAS40BST3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAS40BST5G LRC-LBAS40BST5G_15 Datasheet
179Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - LBAS40BST3G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com