Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3TG Datasheet(PDF) 1 Page - STMicroelectronics

Part # DB3TG
Description  DIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB3TG Datasheet(HTML) 1 Page - STMicroelectronics

  DB3TG Datasheet HTML 1Page - STMicroelectronics DB3TG Datasheet HTML 2Page - STMicroelectronics DB3TG Datasheet HTML 3Page - STMicroelectronics DB3TG Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
DB3TG
®
October 2001 - Ed: 2A
DIAC
DO-35
s
VBO : 32V
s
Low breakover current: 15µA max
s
Breakover voltage range: 30 to 34V
FEATURES
Functioning as a trigger diode with a fixed voltage
reference, the DB3TG can be used in conjunction
with triacs for simplified gate control circuits or as
a starting element in fluorescent lamp ballasts.
DESCRIPTION
Symbol
Parameter
Value
Unit
ITRM
Repetitive peak on-state current
tp=20
µs
F= 120 Hz
2A
Tstg
Tj
Storage temperature range
Operating junction temperature range
-40to+125
°C
ABSOLUTE MAXIMUM RATINGS (limiting values)


Similar Part No. - DB3TG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB3TG TSC-DB3TG Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
logo
Micro Commercial Compon...
DB3TG MCC-DB3TG Datasheet
115Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Kersemi Electronic Co.,...
DB3TG KERSEMI-DB3TG Datasheet
395Kb / 4P
Breakover voltage range: 30 to 34V
logo
Micro Commercial Compon...
DB3TG MCC-DB3TG Datasheet
131Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
DB3TGRI TSC-DB3TGRI Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
More results

Similar Description - DB3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMDB3 STMICROELECTRONICS-TMMDB3 Datasheet
51Kb / 4P
DIAC
Mar-2001
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
STMicroelectronics
SMDB3 STMICROELECTRONICS-SMDB3 Datasheet
59Kb / 5P
DIAC
Oct-2001
logo
List of Unclassifed Man...
FD0200YR ETC1-FD0200YR Datasheet
91Kb / 2P
DIAC
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3_01 Datasheet
62Kb / 5P
DIAC
Oct-2001
logo
SHENZHEN YONGERJIA INDU...
LLDB4 WINNERJOIN-LLDB4 Datasheet
161Kb / 4P
DIAC
LLDB3 WINNERJOIN-LLDB3 Datasheet
131Kb / 4P
DIAC
logo
Kersemi Electronic Co.,...
TMMDB3TG KERSEMI-TMMDB3TG Datasheet
395Kb / 4P
DIAC
TMMDB3 KERSEMI-TMMDB3 Datasheet
395Kb / 4P
DIAC
SMDB3 KERSEMI-SMDB3 Datasheet
404Kb / 5P
DIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com